データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL1535IRZ-T13 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL1535IRZ-T13
部品情報  Dual Channel Central Office ADSL2 Line Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1535IRZ-T13 データシート(HTML) 1 Page - Intersil Corporation

  ISL1535IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL1535IRZ-T13 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN6226.0
ISL1535
Dual Channel Central Office ADSL2+ Line
Driver
The ISL1535 is a very low power dual channel differentiated
amplifier designed for central office line driving for DMT
ADSL2+ solutions. This device features a high drive
capability of 600mA while consuming 5.2mA of supply
current per amplifier from ±12V supplies. This driver
achieves a typical distortion of less than -75dBc, at 1MHz
into a 50
Ω load. The ISL1535 is available in 28 Ld HTSSOP
package. This device is specified for operation over the full
-40°C to +85°C temperature range.
The ISL1535 has two control pins, C0 and C1, per channel.
With the selection of C0 and C1, the device can be set into
full-IS power, 3/4-IS power, 1/2-IS power, and power-down
disable modes. The ISL1535 maintains excellent distortion
and load driving capabilities even in the lowest power
settings. The ISL1535 has extended bandwidth, low THD
and high slew rate for ADSL2+ applications.
Features
• Drives 400mA at 16VP-P on ±12V supplies
•21.4VP-P differential output drive into 100Ω
•20.6VP-P minimum differential output drive into 60Ω
• -75dBc typical driver output distortion driving 50
Ω at 1MHz
and 1/2-IS bias current
• Quiescent current of 5.2mA per amplifier in 1/2-IS mode
• 100MHz BW at AV = 10
• Current control pins to select power modes
• Pin-to-pin replacement for EL1527 and EL1537
• Pb-free plus anneal available (RoHS compliant)
Applications
• ADSL, ADSL2, ADSL2+ line drivers
• G.SHDSL, HDSL2 line drivers
• VDSL line drivers
• Video distribution amplifiers
• Video twisted-pair line drivers
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TAPE
&
REEL
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL1535IVEZ
ISL1535 IVEZ
-
28 Ld HTSSOP MDP0048
ISL1535IVEZ-T13 ISL1535 IVEZ
13”
28 Ld HTSSOP MDP0048
ISL1535IRZ
1535 IRZ
-
24 Ld QFN
MDP0046
ISL1535IRZ-T13
1535 IRZ
13”
24 Ld QFN
MDP0046
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free ruirements of IPC/JEDEC J STD-020.
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
April 3, 2007
Get Full Datasheet


同様の部品番号 - ISL1535IRZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL1535IRZ-T13 INTERSIL-ISL1535IRZ-T13 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
More results

同様の説明 - ISL1535IRZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL1536IRZ INTERSIL-ISL1536IRZ Datasheet
356Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
EL1537 INTERSIL-EL1537 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
logo
Renesas Technology Corp
ISL1536 RENESAS-ISL1536 Datasheet
612Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
logo
Intersil Corporation
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ INTERSIL-ISL1535AIVEZ Datasheet
114Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
March 11, 2008
EL1537A INTERSIL-EL1537A Datasheet
48Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535_0707 INTERSIL-ISL1535_0707 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1536 INTERSIL-ISL1536 Datasheet
134Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
   Dual Channel CO ADSL2 Line Driver
logo
Texas Instruments
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com