データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XX1002-QH-0G0T データシート(PDF) 3 Page - Mimix Broadband

部品番号 XX1002-QH-0G0T
部品情報  2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MIMIX [Mimix Broadband]
ホームページ  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1002-QH-0G0T データシート(HTML) 3 Page - Mimix Broadband

  XX1002-QH-0G0T Datasheet HTML 1Page - Mimix Broadband XX1002-QH-0G0T Datasheet HTML 2Page - Mimix Broadband XX1002-QH-0G0T Datasheet HTML 3Page - Mimix Broadband XX1002-QH-0G0T Datasheet HTML 4Page - Mimix Broadband XX1002-QH-0G0T Datasheet HTML 5Page - Mimix Broadband XX1002-QH-0G0T Datasheet HTML 6Page - Mimix Broadband XX1002-QH-0G0T Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Doubler Measurements (cont.)
Page 3 of 7
2.5-6.0/5.0-12.0 GHz Active Doubler
QFN, 4x4 mm
S11 (dB)
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
11.00
12.00
(GHz)
S22 (dB)
-16.00
-14.00
-12.00
-10.00
-8.00
-6.00
-4.00
-2.00
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
22.00
24.00
(GHz)
X1002-QH
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2007 - Rev 15-Mar-07
Output Power (2xFin) at +25C, +85C and -40C
0
2
4
6
8
10
12
14
16
18
20
45
6789
10
11
12
13
14
2xF in (GHz)
+25 C
-40C
+85C
Fund. Rejection (dBc) at +25C, +85C and -40C
-40
-35
-30
-25
-20
-15
-10
-5
0
23
45
6
Fi n ( G Hz )
+25C
-40 C
+85C
7
3xFin Rejection (dBc) at +25C, +85C and -40C
-60
-50
-40
-30
-20
-10
0
7
9
11
13
15
17
19
21
3xF in (GHz)
+25C
-40 C
+85C
4xFin Rejection (dBc) at +25C, +85C and -40C
-40
-35
-30
-25
-20
-15
-10
-5
0
8
10121416
182022242628
4xF in (GHz)
+25C
-40 C
+85C


同様の部品番号 - XX1002-QH-0G0T

メーカー部品番号データシート部品情報
logo
Mimix Broadband
XX1002-QH-0G0T MIMIX-XX1002-QH-0G0T Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH-0G0T MIMIX-XX1002-QH-0G0T Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
More results

同様の説明 - XX1002-QH-0G0T

メーカー部品番号データシート部品情報
logo
Mimix Broadband
XX1002-QH MIMIX-XX1002-QH_08 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH_10 Datasheet
950Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler
XX1002 MIMIX-XX1002 Datasheet
374Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1002-BD MIMIX-XX1002-BD Datasheet
444Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1000-QT MIMIX-XX1000-QT Datasheet
610Kb / 7P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_07 Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_08 Datasheet
663Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
20DBL0451 MIMIX-20DBL0451 Datasheet
311Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
XM1001-QH MIMIX-XM1001-QH Datasheet
290Kb / 5P
   10.0-34.0 GHz Image Reject Mixer QFN, 4x4 mm
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com