データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XX1003-QC-0N0T データシート(PDF) 1 Page - Mimix Broadband

部品番号 XX1003-QC-0N0T
部品情報  14.0-17.0/28.0-34.0 GHz Active Doubler QFN, 5x5mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MIMIX [Mimix Broadband]
ホームページ  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1003-QC-0N0T データシート(HTML) 1 Page - Mimix Broadband

  XX1003-QC-0N0T Datasheet HTML 1Page - Mimix Broadband XX1003-QC-0N0T Datasheet HTML 2Page - Mimix Broadband XX1003-QC-0N0T Datasheet HTML 3Page - Mimix Broadband XX1003-QC-0N0T Datasheet HTML 4Page - Mimix Broadband XX1003-QC-0N0T Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
14.0-17.0/28.0-34.0 GHz Active Doubler
QFN, 5x5mm
Page 1 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2007 - Rev 22-Jan-07
X1003-QC
Mimix Broadband's 14.0-17.0/28.0-34.0 GHz SMD Active
Doubler delivers +21dBm of output power. The device
integrates a gain stage, passive doubler and driver amplifier
into a single device. The device provides better than
+21dBm of saturated output power and has over 20dB of
doubled gain with excellent harmonic rejection. The part is
designed with a self-biased architecture which requires a
single 5V supply. The device comes in a 5x5 mm QFN
surface mount package offering excellent RF and thermal
properties and is RoHS compliant. This device is well suited
for Millimeter-Wave Point-to-Point, LMDS, SATCOM and
VSAT applications.
Integrated Gain, Doubler and Driver Stages
Self-biased Architecture
+21.0 dBm Output Power
35.0 dBc Fundamental Suppression
RoHS Compliant
100% On-Wafer RF, DC and Output Power Testing
Features
General Description
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Input Frequency Range (fin)
Output Frequency Range (fout)
Input Return Loss (S11)
Output Return Loss (S22)
Fundamental Leakage (fin)
Third Harmonic Leakage (3 x fin)
RF Input Power (RF Pin)
Output Power at +4.0 dBm Pin (Pout)
Drain Bias Voltage (Vd)
Supply Current (Id) (Vd=5.0V Typical)
Units
GHz
GHz
dB
dB
dBc
dBc
dBm
dBm
VDC
mA
Min.
14.0
28.0
-
-
-
-
-
-
-
-
Typ.
-
-
TBD
TBD
-35.0
-30.0
+4.0
+21.0
+5.0
200
Max.
17.0
34.0
-
-
-
-
-
-
+5.5
240
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id)
Gate Bias Voltage (Vg)
Input Power (RF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
300 mA
+0.3 VDC
TBD
-65 to +165 OC
-55 to MTTF Table
MTTF Table1
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1


同様の部品番号 - XX1003-QC-0N0T

メーカー部品番号データシート部品情報
logo
Mimix Broadband
XX1000 MIMIX-XX1000 Datasheet
497Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD MIMIX-XX1000-BD Datasheet
301Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD MIMIX-XX1000-BD Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
logo
M/A-COM Technology Solu...
XX1000-BD MA-COM-XX1000-BD Datasheet
798Kb / 8P
   Active Doubler
logo
Mimix Broadband
XX1000-BD-000V MIMIX-XX1000-BD-000V Datasheet
301Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
More results

同様の説明 - XX1003-QC-0N0T

メーカー部品番号データシート部品情報
logo
Mimix Broadband
30DBL0537-QC MIMIX-30DBL0537-QC Datasheet
305Kb / 5P
   14.0-17.0/28.0-34.0 GHz Active Doubler QFN, 5x5mm
XX1007-QT MIMIX-XX1007-QT Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
30DBL0537 MIMIX-30DBL0537 Datasheet
181Kb / 5P
   14.5-17.0/29.0-34.0 GHz GaAs MMIC Active Doubler
XX1007-BD MIMIX-XX1007-BD Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
XX1007-QT MIMIX-XX1007-QT_10 Datasheet
664Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler
U1010-QH MIMIX-U1010-QH_10 Datasheet
818Kb / 5P
   17.0-34.0 GHz Up-Converter QFN, 4x4mm
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XX1007-BD MIMIX-XX1007-BD_09 Datasheet
382Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC
XU1002-QD MIMIX-XU1002-QD Datasheet
318Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XR1019-QH MIMIX-XR1019-QH Datasheet
958Kb / 8P
   27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com