データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21009 データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL21009
部品情報  Precision, Low Noise FGA??Voltage References
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009 データシート(HTML) 2 Page - Intersil Corporation

  ISL21009 Datasheet HTML 1Page - Intersil Corporation ISL21009 Datasheet HTML 2Page - Intersil Corporation ISL21009 Datasheet HTML 3Page - Intersil Corporation ISL21009 Datasheet HTML 4Page - Intersil Corporation ISL21009 Datasheet HTML 5Page - Intersil Corporation ISL21009 Datasheet HTML 6Page - Intersil Corporation ISL21009 Datasheet HTML 7Page - Intersil Corporation ISL21009 Datasheet HTML 8Page - Intersil Corporation ISL21009 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6327.1
February 14, 2007
Ordering Information
PART NUMBER
(Note)
PART MARKING
VOUT
OPTION
(V)
GRADE
QUANTITY PER
REEL/TUBE
TEMP.
RANGE (°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL21009BFB825Z
21009BF Z25
2.500
±0.5mV, 3ppm/°C
100
-40 to +125
8 Ld SOIC
M8.15
ISL21009BFB825Z-TK
21009BF Z25
2.500
±0.5mV, 3ppm/°C
1000
-40 to +125
8 Ld SOIC
M8.15
ISL21009CFB825Z
21009CF Z25
2.500
±1.0mV, 5ppm/°C
100
-40 to +125
8 Ld SOIC
M8.15
ISL21009CFB825Z-TK
21009CF Z25
2.500
±1.0mV, 5ppm/°C
1000
-40 to +125
8 Ld SOIC
M8.15
ISL21009DFB825Z
21009DF Z25
2.500
±2.0mV, 10ppm/°C
100
-40 to +125
8 Ld SOIC
M8.15
ISL21009DFB825Z-TK
21009DF Z25
2.500
±2.0mV, 10ppm/°C
1000
-40 to +125
8 Ld SOIC
M8.15
ISL21009BFB850Z
21009BF Z50
5.000
±0.5mV, 3ppm/°C
100
-40 to +125
8 Ld SOIC
M8.15
ISL21009BFB850Z-TK
21009BF Z50
5.000
±0.5mV, 3ppm/°C
1000
-40 to +125
8 Ld SOIC
M8.15
ISL21009CFB850Z
21009CF Z50
5.000
±1.0mV, 5ppm/°C
100
-40 to +125
8 Ld SOIC
M8.15
ISL21009CFB850Z-TK
21009CF Z50
5.000
±1.0mV, 5ppm/°C
1000
-40 to +125
8 Ld SOIC
M8.15
ISL21009DFB850Z
21009DF Z50
5.000
±2.0mV, 10ppm/°C
100
-40 to +125
8 Ld SOIC
M8.15
ISL21009DFB850Z-TK
21009DF Z50
5.000
±2.0mV, 10ppm/°C
1000
-40 to +125
8 Ld SOIC
M8.15
NOTES:
A) Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020
B) Add “-T” suffix for tape and reel
FIGURE 1. TYPICAL APPLICATION PRECISION 12-BIT SUBRANGING DAC
C1
0.001µF
C1
10µF
LOW NOISE DAC OUTPUT
ISL21009-25
GND
GND
NC
NC
NC
NC
VOUT
VIN
1
2
3
4
8
7
6
5
+5V
X79000
SCK
A0
A1
A2
SI
SO
/RDY
UP
DOWN
OE
/CS
CLR
VCC
VH
VL
VREF
VSS
VOUT
VBUF
VFB
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SPI BUS
ISL21009


同様の部品番号 - ISL21009

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL21009B INTERSIL-ISL21009B Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL21009BFB812Z INTERSIL-ISL21009BFB812Z Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
More results

同様の説明 - ISL21009

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com