データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28272FAZ データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL28272FAZ
部品情報  Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28272FAZ データシート(HTML) 5 Page - Intersil Corporation

  ISL28272FAZ Datasheet HTML 1Page - Intersil Corporation ISL28272FAZ Datasheet HTML 2Page - Intersil Corporation ISL28272FAZ Datasheet HTML 3Page - Intersil Corporation ISL28272FAZ Datasheet HTML 4Page - Intersil Corporation ISL28272FAZ Datasheet HTML 5Page - Intersil Corporation ISL28272FAZ Datasheet HTML 6Page - Intersil Corporation ISL28272FAZ Datasheet HTML 7Page - Intersil Corporation ISL28272FAZ Datasheet HTML 8Page - Intersil Corporation ISL28272FAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN6390.0
December 8, 2006
FIGURE 7. ISL28271 FREQUENCY RESPONSE vs SUPPLY
VOLTAGE
FIGURE 8. ISL28272 FREQUENCY RESPONSE vs SUPPLY
VOLTAGE
FIGURE 9. ISL28271 FREQUENCY RESPONSE vs CLOAD
FIGURE 10. ISL28272 FREQUENCY RESPONSE vs CLOAD
FIGURE 11. ISL28271 CMRR vs FREQUENCY
FIGURE 12. ISL28272 CMRR vs FREQUENCY
Typical Performance Curves (Continued)
25
20
15
10
5
0
AV = 10
RL = 10kΩ
CL = 10pF
RF/RG = 10
RF = 1kΩ
RG = 100Ω
100
10k
1k
100k
1M
FREQUENCY (Hz)
10
VS = 5V
VS = 2.4V
100
10k
1k
100k
1M
45
40
35
30
25
20
15
10
5
0
FREQUENCY (Hz)
VS = 5V
VS = 2.4V
AV = 100
RL = 10kΩ
CL = 10pF
RF/RG = 100
RF = 10kΩ
RG = 100Ω
10
25
20
15
10
5
100
10k
1k
100k
1M
FREQUENCY (Hz)
10
AV = 10
R = 10k
Ω
CL = 10pF
RF/RG = 10
RF = 1kΩ
RG = 100Ω
820pF
470pF
100pF
220pF
100
10k
1k
100k
1M
FREQUENCY (Hz)
10
56pF
1200pF
2200pF
820pF
50
45
40
35
30
25
AV = 100
R = 10k
Ω
CL = 10pF
RF/RG = 100
RF = 10kΩ
RG = 100Ω
FREQUENCY (Hz)
-10
10
30
50
70
90
80
10
100
1k
10k
100k
1M
60
40
20
0
AV = 10
0
20
40
60
80
100
120
10
100
1k
10k
100k
AV = 100
1M
FREQUENCY (Hz)
ISL28271, ISL28272


同様の部品番号 - ISL28272FAZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28272FAZ INTERSIL-ISL28272FAZ Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28272FAZ RENESAS-ISL28272FAZ Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
More results

同様の説明 - ISL28272FAZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
ISL28270_0708 INTERSIL-ISL28270_0708 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com