データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12021IVZ データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL12021IVZ
部品情報  Real Time Clock with On Chip Temp Compensation 짹5ppm
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12021IVZ データシート(HTML) 3 Page - Intersil Corporation

  ISL12021IVZ Datasheet HTML 1Page - Intersil Corporation ISL12021IVZ Datasheet HTML 2Page - Intersil Corporation ISL12021IVZ Datasheet HTML 3Page - Intersil Corporation ISL12021IVZ Datasheet HTML 4Page - Intersil Corporation ISL12021IVZ Datasheet HTML 5Page - Intersil Corporation ISL12021IVZ Datasheet HTML 6Page - Intersil Corporation ISL12021IVZ Datasheet HTML 7Page - Intersil Corporation ISL12021IVZ Datasheet HTML 8Page - Intersil Corporation ISL12021IVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
FN6451.0
March 30, 2007
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT, SCL, SDA, IRQ, FOUT and LVRST pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on X1 and X2 pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.5V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3014) . . . . .>2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>150V
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
14 Ld TSSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC Operating Characteristics-RTC Test Conditions: VDD = +2.7 to +5.5V, Temperature = -20°C to +70°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
(Note 7)
MAX
UNITS
NOTES
VDD
Main Power Supply
2.7
5.5
V
VBAT
Battery Supply Voltage
1.8
5.5
V
2
IDD1
Supply Current
VDD = 5V
4.1
6.5
µA
3, 5
VDD = 3V
3.5
5.5
µA
3, 5
IDD2
Supply Current (I2C communications
active)
VDD = 5V
300
500
µA
3, 4
IDD3
Supply Current (Temperature Conversion
Active)
VDD = 5V
250
400
µA
3, 4
IBAT
Battery Supply Current
VBAT = 3V @ +25°C
1.0
1.6
µA
3
VBAT = 3V
1.0
2.1
µA
3
IBATLKG
Battery Input Leakage
VDD = 5.5V, VBAT = 1.8V
100
nA
ILI
Input Leakage Current on SCL
100
nA
4
ILO
I/O Leakage Current on SDA
100
nA
4
VBATM
Battery Level Monitor Threshold
-100
+100
mV
VPBM
Brown Out Level Monitor Threshold
-100
+100
mV
VTRIP
VBAT Mode Threshold
2.1
2.2
2.6
V
VTRIPHYS
VTRIP Hysteresis
10
30
50
mV
VBATHYS
VBAT Hysteresis
50
mV
9
Frequency Stability vs Temperature
2.7V
≤ VDD ≤ 3.6V,
±5
ppm
9
Frequency Stability vs Voltage
2.7V
≤ V
DD ≤ 3.6V
±3
ppm
9
ATR Sensitivity per LSB
BETA (3:0) = 1000
1
ppm
9
Temperature Sensor Accuracy
VDD = VBAT = 3.3 V
±3
°C
9
IRQ, LVRST, FOUT
VOL
Output Low Voltage
VDD = 5V, IOL = 3mA
0.4
V
VDD = 2.7V, IOL = 1mA
0.4
V
Power-Down Timing
Power-Down Timing Test Conditions: VDD = +2.7 to +5.5V, Temperature = -20°C to +70°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
(Note 7)
MAX
UNITS
NOTES
VDD SR-
VDD Negative Slew rate
10
V/ms
8
ISL12021


同様の部品番号 - ISL12021IVZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12020 INTERSIL-ISL12020 Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020CBZ INTERSIL-ISL12020CBZ Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020IBZ INTERSIL-ISL12020IBZ Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
More results

同様の説明 - ISL12021IVZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12022 INTERSIL-ISL12022 Datasheet
375Kb / 28P
   Real Time Clock with On Chip 짹5ppm Temp Compensation
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com