データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC6331L データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDC6331L
部品情報  Integrated Load Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6331L データシート(HTML) 3 Page - Fairchild Semiconductor

  FDC6331L_07 Datasheet HTML 1Page - Fairchild Semiconductor FDC6331L_07 Datasheet HTML 2Page - Fairchild Semiconductor FDC6331L_07 Datasheet HTML 3Page - Fairchild Semiconductor FDC6331L_07 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FDC6331L Rev
D
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
01234
56
I
L,
(A)
T
J = 25
OC
T
J
= 125OC
V
IN
= 1.8V
V
ON/OFF = 1.5V -8V
PW = 300us, D < 2%
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
01234
56
I
L,
(A)
T
J = 25
OC
T
J
= 125 OC
V
IN
= 2.5V
V
ON/OFF = 1.5V -8V
PW = 300us, D < 2%
Figure 1. Conduction Voltage Drop
Variation with Load Current.
Figure 2. Conduction Voltage Drop
Variation with Load Current.
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
01234
56
IL, (A)
V
IN = 4.5V
V
ON/OFF
= 1.5V -8V
PW = 300us, D < 2%
T
J
= 125 OC
T
J = 25
OC
0
0.025
0.05
0.075
0.1
0.125
0.15
123
45
-VGS , GATE TO SOURCE VOLTAGE (V)
TJ = 25
OC
T J = 125
OC
IL = 1A
VON/OFF = 1.5V -8V
PW = 300us, D < 2%
Figure 3. Conduction Voltage Drop
Variation with Load Current.
Figure 4. On-Resistance Variation
With Input Voltage
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
R JA(t) = r(t) + R JA
R JA = 156 °C/W
TJ - TA = P * RJA(t)
Duty Cycle, D = t1/ t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Q2
Figure 5. Transient Thermal Response Curve.
Thermal characterization performed on the conditions described in Note 2.
Transient thermal response will change depends on the circuit board design
.


同様の部品番号 - FDC6331L_07

メーカー部品番号データシート部品情報
logo
TECH PUBLIC Electronics...
FDC6331L-TP TECHPUBLIC-FDC6331L-TP Datasheet
3Mb / 7P
   Load Switch with Level-Shift
More results

同様の説明 - FDC6331L_07

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com