データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21400 データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL21400
部品情報  Programmable Temperature Slope Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21400 データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL21400 Datasheet HTML 2Page - Intersil Corporation ISL21400 Datasheet HTML 3Page - Intersil Corporation ISL21400 Datasheet HTML 4Page - Intersil Corporation ISL21400 Datasheet HTML 5Page - Intersil Corporation ISL21400 Datasheet HTML 6Page - Intersil Corporation ISL21400 Datasheet HTML 7Page - Intersil Corporation ISL21400 Datasheet HTML 8Page - Intersil Corporation ISL21400 Datasheet HTML 9Page - Intersil Corporation ISL21400 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN8091.0
December 14, 2006
Timing Diagrams
Bus Timing
Write Cycle Timing
NOTES:
1. Equation 1 governs the output voltage and is stated as follows:
2. Typical values are for TA = +25°C and VCC = 5.5V.
Rpu
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by tR
and tF
For Cb = 400pF, max is about
2~2.5k
Ω
For Cb = 40pF, max is about
15~20k
Ω
1k
Ω
ILO
Output Leakage Current (SDA only) VOUT = GND to VCC
1µA
VIL
A1, A0, SHDN, SDA, and SCL Input
Buffer LOW Voltage
-0.3
VCC x 0.3
V
VIH
A1, A0, SHDN, SDA, and SCL Input
Buffer HIGH Voltage
VCC x 0.7
VCC
V
VOL
SDA Output Buffer LOW Voltage
IOL = 100µA (Note 3), at 3mA
sink
00.4
V
CL
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
(Note 3)
10
400
pF
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature T
≤ +55°C
50
Years
tWC
(Note 14)
Non-Volatile Write Cycle Time
12
20
ms
Serial Interface Specification (for SCL, SDA, A0, A1, A2 unless specified otherwise) (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 2)
MAX
UNITS
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(INPUT TIMING)
SDA
(OUTPUT TIMING)
tF
tLOW
tBUF
tAA
tR
tsp
tHD:STO
SCL
SDA
tWC
8th BIT OF LAST BYTE
ACK
STOP
CONDITION
START
CONDITION
V
OUT
A
V
V
REF
n
255
----------
KT
T
0
() 2m
() 255
255
--------------------------------
+
⎩⎭
⎨⎬
⎧⎫
n = 0 to 255, m = 0 to 255, K = -2.1mV/C(typ), T0 = +25
°C
,
=
ISL21400


同様の部品番号 - ISL21400

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21400 INTERSIL-ISL21400 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL21400 RENESAS-ISL21400 Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
ISL21400IU8Z RENESAS-ISL21400IU8Z Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
ISL21400IU8Z-TK RENESAS-ISL21400IU8Z-TK Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
ISL21400USB-EVALZ RENESAS-ISL21400USB-EVALZ Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
More results

同様の説明 - ISL21400

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL21400 RENESAS-ISL21400 Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com