データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X1226S8Z データシート(PDF) 2 Page - Intersil Corporation

部品番号 X1226S8Z
部品情報  Real Time Clock/Calendar with EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1226S8Z データシート(HTML) 2 Page - Intersil Corporation

  X1226S8Z Datasheet HTML 1Page - Intersil Corporation X1226S8Z Datasheet HTML 2Page - Intersil Corporation X1226S8Z Datasheet HTML 3Page - Intersil Corporation X1226S8Z Datasheet HTML 4Page - Intersil Corporation X1226S8Z Datasheet HTML 5Page - Intersil Corporation X1226S8Z Datasheet HTML 6Page - Intersil Corporation X1226S8Z Datasheet HTML 7Page - Intersil Corporation X1226S8Z Datasheet HTML 8Page - Intersil Corporation X1226S8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
FN8098.3
May 8, 2006
PIN CONFIGURATION
Ordering Information
PART NUMBER
PART MARKING
VDD (V)
TEMP
RANGE (°C)
PACKAGE
PKG. DWG. #
X1226S8*
X1226
2.7 to 5.5
0 to 70
8 Ld SOIC (150 mil)
MDP0027
X1226S8Z* (Note)
X1226Z
0 to 70
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
X1226S8I*
X1226I
-40 to 85
8 Ld SOIC (150 mil)
MDP0027
X1226S8IZ* (Note)
X1226ZI
-40 to 85
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
X1226V8*
1226
0 to 70
8 Ld TSSOP (4.4mm)
M8.173
X1226V8Z* (Note)
1226Z
0 to 70
8 Ld TSSOP (4.4mm) (Pb-free)
M8.173
X1226V8I*
1226I
-40 to 85
8 Ld TSSOP (4.4mm)
M8.173
X1226V8IZ* (Note)
1226IZ
-40 to 85
8 Ld TSSOP (4.4mm) (Pb-free)
M8.173
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
X1
X2
VBACK
VCC
PHZ/IRQ
SCL
SDA
VSS
1
2
3
4
7
8
6
5
8 LD TSSOP
X1
X2
VBACK
VCC
PHZ/IRQ
SCL
SDA
VSS
1
2
3
4
7
8
6
5
8 LD SOIC
X1226


同様の部品番号 - X1226S8Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X1226S8Z INTERSIL-X1226S8Z Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
X1226S8Z RENESAS-X1226S8Z Datasheet
993Kb / 25P
   4K (512 x 8), 2-Wire??RTC Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
X1226S8ZT1 INTERSIL-X1226S8ZT1 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
More results

同様の説明 - X1226S8Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com