データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X1227V8I-2.7 データシート(PDF) 7 Page - Intersil Corporation

部品番号 X1227V8I-2.7
部品情報  2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1227V8I-2.7 データシート(HTML) 7 Page - Intersil Corporation

Back Button X1227V8I-2.7 Datasheet HTML 3Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 4Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 5Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 6Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 7Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 8Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 9Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 10Page - Intersil Corporation X1227V8I-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
FN8099.2
May 8, 2006
Write Cycle Timing
Power-up Timing
Notes: (1) Delays are measured from the time VCC is stable until the specified operation can be initiated. These parameters are periodically
sampled and not 100% tested.
(2) Typical values are for TA = 25°C and VCC = 5.0V
Nonvolatile Write Cycle Timing
Notes: (1) tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It is
the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
WATCHDOG TIMER/LOW VOLTAGE RESET OPERATING CHARACTERISTICS
Watchdog/Low Voltage Reset Parameters
SCL
SDA
tWC
8th Bit of Last Byte
ACK
Stop
Condition
Start
Condition
Symbol
Parameter
Min.
Typ.(2)
Max.
Units
tPUR(1)
Time from Power-up to Read
1
ms
tPUW(1)
Time from Power-up to Write
5
ms
Symbol
Parameter
Min.
Typ.(1)
Max.
Units
tWC(1)
Write Cycle Time
5
10
ms
Symbols
Parameters
Min.
Typ.
Max.
Unit
VPTRIP
Programmed Reset Trip Voltage
X1227-4.5A
X1227
X1227-2.7A
X1227-2.7
4.5
4.25
2.7
2.55
4.68
4.38
2.93
2.68
4.75
4.5
3.0
2.7
V
tRPD
VCC Detect to RESET LOW
500
ns
tPURST
Power-up Reset Time-out Delay
100
200
400
ms
tF
VCC Fall Time
10
µs
tR
VCC Rise Time
10
µs
tWDO
Watchdog Timer Period:
WD1 = 0, WD0 = 0
WD1 = 0, WD0 = 1
WD1 = 1, WD0 = 0
1.7
725
225
1.75
750
250
1.8
775
275
s
ms
ms
tRST
Watchdog Reset Time-out Delay
225
250
275
ms
tRSP
2-Wire interface
1
µs
VRVALID
Reset Valid VCC
1.0
V
X1227


同様の部品番号 - X1227V8I-2.7

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X1227V8I-2.7 XICOR-X1227V8I-2.7 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227V8I-2.7 INTERSIL-X1227V8I-2.7 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227V8I-2.7 RENESAS-X1227V8I-2.7 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227V8I-2.7A XICOR-X1227V8I-2.7A Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227V8I-2.7A INTERSIL-X1227V8I-2.7A Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
More results

同様の説明 - X1227V8I-2.7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com