データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X1228V14I-2.7 データシート(PDF) 8 Page - Intersil Corporation

部品番号 X1228V14I-2.7
部品情報  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1228V14I-2.7 データシート(HTML) 8 Page - Intersil Corporation

Back Button X1228V14I-2.7 Datasheet HTML 4Page - Intersil Corporation X1228V14I-2.7 Datasheet HTML 5Page - Intersil Corporation X1228V14I-2.7 Datasheet HTML 6Page - Intersil Corporation X1228V14I-2.7 Datasheet HTML 7Page - Intersil Corporation X1228V14I-2.7 Datasheet HTML 8Page - Intersil Corporation X1228V14I-2.7 Datasheet HTML 9Page - Intersil Corporation X1228V14I-2.7 Datasheet HTML 10Page - Intersil Corporation X1228V14I-2.7 Datasheet HTML 11Page - Intersil Corporation X1228V14I-2.7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
FN8100.4
May 18, 2006
VTRIP Programming Timing Diagram
VTRIP Programming Parameters
Parameter
Description
Min.
Max.
Units
tVPS
VTRIP Program Enable Voltage Setup time
1
µs
tVPH
VTRIP Program Enable Voltage Hold time
1
µs
tTSU
VTRIP Setup time
1
µs
tTHD
VTRIP Hold (stable) time
10
ms
tVPO
VTRIP Program Enable Voltage Off time
(Between successive adjustments)
0µs
tRP
VTRIP Program Recovery Period
(Between successive adjustments)
10
ms
VP
Programming Voltage
14
16
V
VTRAN
VTRIP Programmed Voltage Range
1.7
5.0
V
Vtv
VTRIP Program variation after programming
(Programmed at 25°C)
-25
+25
mV
VTRIP programming parameters are not 100% Tested.
01 2 3 4 5 6 7
0 1 2 345 67
0 1 2 3 45 6 7
0 1 2 3 4 5 67
VCC
(VTRIP)
tVPH
tVPS
tVPO
tRP
SCL
SDA
AEh
03h/01h
RESET
VP = 15V
00h
00h
VCC
VCC
tTSU
tTHD
VTRIP
X1228


同様の部品番号 - X1228V14I-2.7

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X1228V14I-2.7 XICOR-X1228V14I-2.7 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228V14I-2.7 INTERSIL-X1228V14I-2.7 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228V14I-2.7 RENESAS-X1228V14I-2.7 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228V14I-2.7A XICOR-X1228V14I-2.7A Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228V14I-2.7A INTERSIL-X1228V14I-2.7A Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

同様の説明 - X1228V14I-2.7

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com