データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI100M100 データシート(PDF) 2 Page - NTE Electronics

部品番号 SI100M100
部品情報  SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NTE [NTE Electronics]
ホームページ  http://www.nteinc.com
Logo NTE - NTE Electronics

SI100M100 データシート(HTML) 2 Page - NTE Electronics

  SI100M100 Datasheet HTML 1Page - NTE Electronics SI100M100 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SNAP–IN MOUNT ALUMINUM ELECTROLYTIC
SI SERIES
13
NTE Electronics, Inc.
D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com
SI Series Dimensions: Diameter (D Ø) x Length (L): mm
WV
Cap (
µf)
16
25
35
50
63
80
100
160
200
250
450
47
22 x 30
56
22 x 25
68
22 x 50
82
22 x 30
100
22 x 20
25 x 20
22 x 35
120
22 x 40
150
22 x 25
22 x 30
22 x 50
180
25 x 45
220
22 x 20
22 x 30
22 x 40
25 x 50
270
22 x 25
30 x 45
330
22 x 25
22 x 30
22 x 35
30 x 50
390
22 x 30
35 x 45
470
22 x 30
22 x 35
22 x 45
35 x 50
560
25 x 40
22 x 40
25 x 45
35 x 60
680
22 x 40
22 x 45
30 x 50
35 x 70
820
22 x 45
25 x 45
30 x 45
1000
22 x 30
22 x 20
22 x 30
22 x 40
25 x 45
25 x 50
30 x 50
1500
22 x 40
22 x 50
30 x 50
2200
22 x 25
22 x 25
22 x 30
22 x 40
22 x 50
22 x 50
2700
20 x 30
22 x 45
3300
22 x 20
22 x 25
22 x 30
22 x 40
22 x 50
25 x 50
25 x 50
3900
20 x 30
20 x 40
25 x 45
4700
22 x 25
22 x 30
22 x 40
22 x 50
22 x 50
25 x 35
30 x 50
5600
20 x 30
25 x 35
30 x 45
35 x 45
6800
22 x 30
22 x 40
22 x 50
25 x 50
25 x 50
30 x 50
8200
22 x 30
25 x 45
35 x 50
10000
20 x 35
22 x 50
25 x 50
30 x 50
35 x 40
35 x 70
12000
30 x 45
35 x 50
15000
22 x 50
25 x 50
30 x 50
18000
35 x 45
22000
22 x 45
30 x 50
30 x 50
33000
25 x 50
*
These dimensions are for reference only, please consult the factory for actual size.


同様の部品番号 - SI100M100

メーカー部品番号データシート部品情報
logo
3M Electronics
SI100 3M-SI100 Datasheet
320Kb / 4P
   3M Scotch-Weld??Surface Insensitive Instant Adhesives
logo
Silicon Laboratories
SI1000 SILABS-SI1000 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SI1000 ETC2-SI1000 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI1000-C SILABS-SI1000-C Datasheet
37Kb / 1P
   Typical sleep mode current 0.1 A retains state and RAM contents over full supply range fast wakeup of 2 s
SI1000-C-GM SILABS-SI1000-C-GM Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
More results

同様の説明 - SI100M100

メーカー部品番号データシート部品情報
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com