データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD3670 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDD3670
部品情報  100V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3670 データシート(HTML) 3 Page - Fairchild Semiconductor

  FDD3670_01 Datasheet HTML 1Page - Fairchild Semiconductor FDD3670_01 Datasheet HTML 2Page - Fairchild Semiconductor FDD3670_01 Datasheet HTML 3Page - Fairchild Semiconductor FDD3670_01 Datasheet HTML 4Page - Fairchild Semiconductor FDD3670_01 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDD3670 Rev C(W)
Typical Characteristics
0
10
20
30
40
50
60
0
1
2
3
4
5
V
DS
, DRAIN-SOURCE VOLTAGE (V)
5.0V
4.5V
4.0V
3.5V
V
GS
= 10V
5.5V
0.8
1
1.2
1.4
1.6
1.8
2
0
10
20
30
40
50
60
I
D
, DRAIN CURRENT (A)
V
GS
= 4.0V
5.0V
5.5V 7.0V
10V
4.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100
125
150
175
T
J
, JUNCTION TEMPERATURE ( oC)
I
D = 7.3A
V
GS
= 10V
0
0.01
0.02
0.03
0.04
0.05
0.06
3
4
5
6
7
8
9
10
V
GS
, GATE TO SOURCE VOLTAGE (V)
I
D = 3.7A
T
A = 125
oC
T
A
= 25oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
60
2
3
4
5
6
V
GS
, GATE TO SOURCE VOLTAGE (V)
T
A
= -55oC
25oC
125
oC
V
DS
= 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
V
SD, BODY DIODE FORWARD VOLTAGE (V)
T
A
= 125oC
25
oC
-55oC
V
GS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


同様の部品番号 - FDD3670_01

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD3670 FAIRCHILD-FDD3670 Datasheet
167Kb / 6P
   100V N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD3670 ISC-FDD3670 Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - FDD3670_01

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3680_0011 FAIRCHILD-FDS3680_0011 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3670_0011 FAIRCHILD-FDS3670_0011 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com