データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSTUD32450G データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FSTUD32450G
部品情報  Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD32450G データシート(HTML) 2 Page - Fairchild Semiconductor

  FSTUD32450G Datasheet HTML 1Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 2Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 3Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 4Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 5Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 6Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 7Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 8Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.fairchildsemi.com
2
Connection Diagram
Pin Assignment for FBGA
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Pin Name
Description
OE1, OE2, OE3, OE4,
Bus Switch
OE5, OE6, OE7, OE8
Enables
OE9, OE10
1A, 2A, 3A, 4A
Bus A
1B, 2B, 3B, 4B
Bus B
S0, S1, S3, S4
Bit Configuration Enables
S2, S5
Level Shifting Diode Enables
12
3
456
A
1A4
1A2
OE1
OE2
1B2
1B4
B
1A6
1A5
1A1
1B1
1B5
1B6
C
1A8
1A7
1A3
1B3
1B7
1B8
D
1A10
1A9
GND
OE5
1B9
1B10
E
2A2
2A1
S0
VCC
2B1
2B2
F
2A4
2A3
S1
S2
2B3
2B4
G
2A6
2A5
VCC
GND
2B5
2B6
H
2A8
2A7
GND
GND
2B7
2B8
J
2A10
2A9
GND
GND
2B9
2B10
K
OE4
OE8
GND
GND
OE9
OE3
L
3A10
3A9
GND
GND
3B9
3B10
M
3A8
3A7
GND
GND
3B7
3B8
N
3A6
3A5
GND
VCC
3B5
3B6
P
3A4
3A3
S5
S4
3B3
3B4
R
3A2
3A1
VCC
S3
3B1
3B2
T
4A10
4A9
OE10
GND
4B9
4B10
U
4A8
4A7
4A3
4B3
4B7
4B8
V
4A6
4A5
4A1
4B1
4B5
4B6
W
4A4
4A2
OE7
OE6
4B2
4B4


同様の部品番号 - FSTUD32450G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
496Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch
FSTUD32450GX FAIRCHILD-FSTUD32450GX Datasheet
496Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch
More results

同様の説明 - FSTUD32450G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTUD162450 FAIRCHILD-FSTUD162450 Datasheet
561Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs
FSTD32450 FAIRCHILD-FSTD32450 Datasheet
470Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with Selectable Level Shifting (Preliminary)
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTUD16211 FAIRCHILD-FSTUD16211_06 Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com