データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25010MHX データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM25010MHX
部品情報  42V, 1.0A Step-Down Switching Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25010MHX データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LM25010MHX Datasheet HTML 6Page - National Semiconductor (TI) LM25010MHX Datasheet HTML 7Page - National Semiconductor (TI) LM25010MHX Datasheet HTML 8Page - National Semiconductor (TI) LM25010MHX Datasheet HTML 9Page - National Semiconductor (TI) LM25010MHX Datasheet HTML 10Page - National Semiconductor (TI) LM25010MHX Datasheet HTML 11Page - National Semiconductor (TI) LM25010MHX Datasheet HTML 12Page - National Semiconductor (TI) LM25010MHX Datasheet HTML 13Page - National Semiconductor (TI) LM25010MHX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Regulation Comparator
The feedback voltage at the FB pin is compared to the
voltage at the SS pin (2.5V, ±2%). In normal operation an
on-time period is initiated when the voltage at FB falls below
2.5V. The buck switch conducts for the on-time programmed
by R
ON, causing the FB voltage to rise above 2.5V. After the
on-time period the buck switch remains off until the FB
voltage falls below 2.5V. Input bias current at the FB pin is
less than 5 nA over temperature.
Over-Voltage Comparator
The feedback voltage at FB is compared to an internal 2.9V
reference. If the voltage at FB rises above 2.9V the on-time
is immediately terminated. This condition can occur if the
input voltage, or the output load, changes suddenly. The
buck switch remains off until the voltage at FB falls below
2.5V.
ON-Time Control
The on-time of the internal buck switch is determined by the
R
ON resistor and the input voltage (VIN), and is calculated as
follows:
(5)
The R
ON resistor can be determined from the desired on-
time by re-arranging Equation 5 to the following:
(6)
To set a specific continuous conduction mode switching
frequency (Fs), the R
ON resistor is determined from the
following:
(7)
In high frequency applications the minimum value for t
ON is
limited by the maximum duty cycle required for regulation
and the minimum off-time of the LM25010 (260 ns, ±15%).
The fixed off-time limits the maximum duty cycle achievable
with a low voltage at VIN. The minimum allowed on-time to
regulate the desired V
OUT at the minimum VIN is determined
from the following:
(8)
Shutdown
The LM25010 can be remotely shut down by forcing the
RON/SD pin below 0.7V with a switch or open drain device.
See Figure 3. In the shutdown mode the SS pin is internally
grounded, the on-time one-shot is disabled, the input current
at VIN is reduced, and the V
CC bypass switch is turned off.
The V
CC regulator is not disabled in the shutdown mode.
Releasing the RON/SD pin allows normal operation to re-
sume. The nominal voltage at RON/SD is shown in the
Typical Performance Characteristics. When switching the
RON/SD pin, the transition time should be faster than one to
two cycles of the regulator’s nominal switching frequency.
Current Limit
Current limit detection occurs during the off-time by monitor-
ing the recirculating current through the internal current
sense resistor (R
SENSE). The detection threshold is 1.25A,
±0.25A. Referring to the Block Diagram, if the current into
SGND during the off-time exceeds the threshold level the
current limit comparator delays the start of the next on-time
period. The next on-time starts when the current into SGND
is below the threshold and the voltage at FB is below 2.5V.
Figure 4 illustrates the inductor current waveform during
normal operation and during current limit. The output current
I
O is the average of the inductor ripple current waveform.
The Low Load Current waveform illustrates continuous con-
duction mode operation with peak and valley inductor cur-
rents below the current limit threshold. When the load cur-
rent is increased (High Load Current), the ripple waveform
maintains the same amplitude and frequency since the cur-
rent falls below the current limit threshold at the valley of the
ripple waveform. Note the average current in the High Load
Current portion of Figure 4 is above the current limit thresh-
old. Since the current reduces below the threshold in the
normal off-time each cycle, the start of each on-time is not
delayed, and the circuit’s output voltage is regulated at the
correct value. When the load current is further increased
such that the lower peak would be above the threshold, the
off-time is lengthened to allow the current to decrease to the
threshold before the next on-time begins (Current Limited
portion of Figure 4). Both V
OUT and the switching frequency
are reduced as the circuit operates in a constant current
20172718
FIGURE 3. Shutdown Implementation
www.national.com
10


同様の部品番号 - LM25010MHX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25010MHX NSC-LM25010MHX Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010MHX/NOPB TI1-LM25010MHX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
More results

同様の説明 - LM25010MHX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25010 NSC-LM25010_08 Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI1-LM25010_14 Datasheet
1Mb / 27P
[Old version datasheet]   42V, 1.0A Step-Down Switching Regulator
LM25010 TI-LM25010_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
TelCom Semiconductor, I...
TC2575 TELCOM-TC2575 Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com