データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3120D2PWPG4 データシート(PDF) 8 Page - Texas Instruments

部品番号 TPA3120D2PWPG4
部品情報  25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3120D2PWPG4 データシート(HTML) 8 Page - Texas Instruments

Back Button TPA3120D2PWPG4 Datasheet HTML 4Page - Texas Instruments TPA3120D2PWPG4 Datasheet HTML 5Page - Texas Instruments TPA3120D2PWPG4 Datasheet HTML 6Page - Texas Instruments TPA3120D2PWPG4 Datasheet HTML 7Page - Texas Instruments TPA3120D2PWPG4 Datasheet HTML 8Page - Texas Instruments TPA3120D2PWPG4 Datasheet HTML 9Page - Texas Instruments TPA3120D2PWPG4 Datasheet HTML 10Page - Texas Instruments TPA3120D2PWPG4 Datasheet HTML 11Page - Texas Instruments TPA3120D2PWPG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
-250
200
-200
-150
-100
-50
0
50
100
150
5
22.5
7.5
10
12.5
15
17.5
20
20
100k
100 200
1k 2k
10k 20k
f − Frequency − Hz
Gain
Phase
V
=24V
R =8
(SE)
Gain=20dB
L
=47 F
C
=0.22 F
C
=470 F
CC
L
filt
filt
dc
W
m
m
m
V
− SupplyVoltage − V
SS
16
26
22
30
28
4
32
12
THD=10%
THD=1%
R =4
(SE)
Gain=20dB
L
W
6
8
2
14
18
10
16
20
24
30
26
12
10
14
18
20
22
24
28
THD=10%
THD=1%
V
-SupplyVoltage-V
SS
R =8
(SE)
Gain=20dB
L
W
16
26
30
12
10
7
14
18
20
22
24
28
17
16
15
14
13
12
11
10
9
6
1
8
5
4
3
2
P
− OutputPower − W
O
6
16
80
20
10
100
30
12V
18V
24V
R =4
(SE)
Gain=20dB
L
W
0
40
60
20
50
70
90
2
0
4
8
10
12
14
18
TPA3120D2
SLOS507C – MARCH 2007 – REVISED MAY 2007
TYPICAL CHARACTERISTICS (continued)
All tests are made at frequency = 1 kHz unless otherwise noted.
GAIN/PHASE
OUTPUT POWER
vs
vs
FREQUENCY
SUPPLY VOLTAGE
Figure 9.
A.
Dashed line represents thermally limited
region.
Figure 10.
OUTPUT POWER
EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 11.
Figure 12.
8
Submit Documentation Feedback


同様の部品番号 - TPA3120D2PWPG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWPR TI-TPA3120D2PWPR Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3120D2PWPG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com