データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL9V3040S3ST データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 ISL9V3040S3ST
部品情報  EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9V3040S3ST データシート(HTML) 4 Page - Fairchild Semiconductor

  ISL9V3040S3ST Datasheet HTML 1Page - Fairchild Semiconductor ISL9V3040S3ST Datasheet HTML 2Page - Fairchild Semiconductor ISL9V3040S3ST Datasheet HTML 3Page - Fairchild Semiconductor ISL9V3040S3ST Datasheet HTML 4Page - Fairchild Semiconductor ISL9V3040S3ST Datasheet HTML 5Page - Fairchild Semiconductor ISL9V3040S3ST Datasheet HTML 6Page - Fairchild Semiconductor ISL9V3040S3ST Datasheet HTML 7Page - Fairchild Semiconductor ISL9V3040S3ST Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
ISL9V3040D3S / ISL9V3040S3S / ISL9V3040P3 / ISL9V3040S3 Rev. D3, October 2004
Typical Performance Curves (Continued)
Figure 7. Collector to Emitter On-State Voltage vs
Collector Current
Figure 8. Transfer Characteristics
Figure 9. DC Collector Current vs Case
Temperature
Figure 10. Threshold Voltage vs Junction
Temperature
Figure 11. Leakage Current vs Junction
Temperature
Figure 12. Switching Time vs Junction
Temperature
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
25
15
5
0
20
10
02.0
1.0
3.0
4.0
VGE = 4.0V
VGE = 3.7V
VGE = 4.5V
VGE = 5.0V
VGE = 8.0V
TJ = 175°C
VGE, GATE TO EMITTER VOLTAGE (V)
2.0
1.0
3.0
4.0
25
15
5
0
20
10
PULSE DURATION = 250µs
DUTY CYCLE < 0.5%, VCE = 5V
TJ = 25°C
TJ = 150°C
2.5
1.5
3.5
4.5
TJ = -40°C
TC, CASE TEMPERATURE (°C)
25
25
175
125
75
50
100
150
20
15
10
5
0
VGE = 4.0V
2.2
175
50
100
2.0
1.8
1.6
1.4
1.0
VCE = VGE
TJ JUNCTION TEMPERATURE (°C)
150
0
-50
125
75
25
-25
1.2
ICE = 1mA
TJ, JUNCTION TEMPERATURE (°C)
1000
10
0.1
10000
100
1
25
-25
175
125
75
-50
0
50
100
150
VCES = 250V
VECS = 24V
VCES = 300V
25
175
125
75
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
12
10
8
6
4
2
ICE = 6.5A, VGE = 5V, RG = 1KΩ
Resistive tOFF
Inductive tOFF
Resistive tON


同様の部品番号 - ISL9V3040S3ST

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ISL9V3040S3ST-F085C ONSEMI-ISL9V3040S3ST-F085C Datasheet
3Mb / 9P
   EcoSPARK Ignition IGBT
August, 2019 ??Rev. 1
More results

同様の説明 - ISL9V3040S3ST

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S Datasheet
196Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
FGB3040CS FAIRCHILD-FGB3040CS_12 Datasheet
590Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
FGB3040CS FAIRCHILD-FGB3040CS Datasheet
428Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S_04 Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S Datasheet
200Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
logo
Fairchild Semiconductor
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S_04 Datasheet
165Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
FGD3040G2 FAIRCHILD-FGD3040G2 Datasheet
664Kb / 10P
   EcoSPARK짰2 300mJ, 400V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD3050G2 ONSEMI-FGD3050G2 Datasheet
758Kb / 7P
   EcoSPARKTM 2 300mJ, 500V, N-Channel Ignition IGBT
May, 2017, Rev. 1.0
logo
Fairchild Semiconductor
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S Datasheet
195Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com