データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6G3237TBR データシート(PDF) 7 Page - STMicroelectronics

部品番号 ST6G3237TBR
部品情報  Dual supply level translator for SD/ MINISD / T-FLASH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3237TBR データシート(HTML) 7 Page - STMicroelectronics

Back Button ST6G3237TBR Datasheet HTML 3Page - STMicroelectronics ST6G3237TBR Datasheet HTML 4Page - STMicroelectronics ST6G3237TBR Datasheet HTML 5Page - STMicroelectronics ST6G3237TBR Datasheet HTML 6Page - STMicroelectronics ST6G3237TBR Datasheet HTML 7Page - STMicroelectronics ST6G3237TBR Datasheet HTML 8Page - STMicroelectronics ST6G3237TBR Datasheet HTML 9Page - STMicroelectronics ST6G3237TBR Datasheet HTML 10Page - STMicroelectronics ST6G3237TBR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ST6G3237
Electrical characteristics
7/17
4
Electrical characteristics
4.1
DC electrical characteristics
All A-port I/Os and control inputs are powered by VCCA
All B-port I/Os are powered by VCCB
Table 5.
DC specifications
Symbol
Parameter
Test Conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
VIH
(A port)
High Level
Input Voltage
1.4 – 1.95
VCCA to 3.6
0.65VCCA
0.65VCCA
V
1.95 – 2.7
1.7
1.7
2.7 – 3.6
2.0
2.0
VIL
(A port)
Low Level
Input Voltage
1.4 – 1.95
VCCA to 3.6
0.35VCCA
0.35VCCA
V
1.95 – 2.7
0.7
0.7
2.7 – 3.6
0.8
0.8
VIH
(B port)
High Level
Input Voltage
1.4 to VCCB
1.4 – 1.95
0.65VCCB
0.65VCCB
V
1.95 – 2.7
1.7
1.7
2.7 – 3.6
2.0
2.0
VIL
(B port)
Low Level
Input Voltage
1.4 to VCCB
1.4 – 1.95
0.35VCCB
0.35VCCB
V
1.95 – 2.7
0.7
0.7
2.7 – 3.6
0.8
0.8


同様の部品番号 - ST6G3237TBR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3237BTBR STMICROELECTRONICS-ST6G3237BTBR Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
More results

同様の説明 - ST6G3237TBR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
224Kb / 17P
   Dual Supply Level Translator for SD/ MINISD/ T-FLASH With 짹8KV Contact Discharge ESD Protection
ST6G3238BE STMICROELECTRONICS-ST6G3238BE Datasheet
299Kb / 17P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3238E STMICROELECTRONICS-ST6G3238E_06 Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
logo
ITT Industries
CCM05-5502R901 ITT-CCM05-5502R901 Datasheet
435Kb / 5P
   SD, MMC & miniSD
logo
ON Semiconductor
NLSX4401 ONSEMI-NLSX4401 Datasheet
107Kb / 13P
   Dual-Supply Level Translator
March, 2015 ??Rev. 1
NLSX3012 ONSEMI-NLSX3012_11 Datasheet
176Kb / 12P
   Dual-Supply Level Translator
September, 2011 ??Rev. 2
NLSV1T240 ONSEMI-NLSV1T240 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
NLSV2T240 ONSEMI-NLSV2T240_12 Datasheet
119Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com