データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1000-SI データシート(PDF) 1 Page - LEM

部品番号 LB1000-SI
部品情報  Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEM [LEM]
ホームページ  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LB1000-SI データシート(HTML) 1 Page - LEM

  LB1000-SI Datasheet HTML 1Page - LEM LB1000-SI Datasheet HTML 2Page - LEM LB1000-SI Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LEM Components
www.lem.com
Page 1/3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
050816/1
Current Transducer LB 1000-SI/SP2
For the electronic measurement of currents : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
1000
A
I
P
Primary current, measuring range
0 .. ± 1500
A
R
M
Measuring resistance
R
M min
R
M max
with ± 15 V
@ ± 1000 A
max
0
25
@ ± 1500 A
max
0
5
I
SN
Secondary nominal r.m.s. current
200
mA
K
N
Conversion ratio
1 : 5000
V
C
Supply voltage (± 5 %)
± 15
VDC
I
C
Current consumption
21 + I
S
mA
Accuracy - Dynamic performance data
X
G
Overall accuracy @ I
PN , TA = 25°C
± 0.3
%
ε
L
Linearity error
< 0.1
%
Typ
Max
I
O
Offset current @ I
P = 0, TA = 25°C
± 0.4
mA
I
OT
Thermal drift of I
O
+ 10°C .. + 50°C
± 0.1
± 0.2
mA
t
r
Response time 1) @ 90 % of I
PN
< 1
µs
di/dt
di/dt accurately followed
> 50
A/µs
f
Frequency bandwidth (- 1 dB)
DC .. 100
kHz
General data
T
A
Ambient operating temperature
+ 10 .. + 50
°C
T
S
Ambient storage temperature
- 25 .. + 85
°C
R
S
Secondary coil resistance @ T
A = 70°C
40
m
Mass
700
g
Standards
EN 50178 : 1997
Note : 1) With a di/dt of 100 A/µs
Features
Closed loop (compensated) current
transducer using the Hall effect
Insulated plastic case recognized
according to UL 94-V0.
Special features
T
A
= + 10°C .. + 50°C
Shield between primary and
secondary.
Advantages
Better zero crossing performance
Excellent accuracy
Very good linearity
Low temperature drift
Optimized response time
Wide frequency bandwidth
No insertion losses
High immunity to external
interference
Current overload capability.
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications.
Application domain
Industrial.
I
PN
=
1000 A


同様の部品番号 - LB1000-SI

メーカー部品番号データシート部品情報
logo
LEM
LB1000-SI LEM-LB1000-SI Datasheet
32Kb / 2P
   Current Transducer LB 1000-SI/SP2
LB1000-SI/SP2 LEM-LB1000-SI/SP2 Datasheet
32Kb / 2P
   Current Transducer LB 1000-SI/SP2
More results

同様の説明 - LB1000-SI

メーカー部品番号データシート部品情報
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com