データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLR8503PBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRLR8503PBF
部品情報  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLR8503PBF データシート(HTML) 2 Page - International Rectifier

  IRLR8503PBF Datasheet HTML 1Page - International Rectifier IRLR8503PBF Datasheet HTML 2Page - International Rectifier IRLR8503PBF Datasheet HTML 3Page - International Rectifier IRLR8503PBF Datasheet HTML 4Page - International Rectifier IRLR8503PBF Datasheet HTML 5Page - International Rectifier IRLR8503PBF Datasheet HTML 6Page - International Rectifier IRLR8503PBF Datasheet HTML 7Page - International Rectifier IRLR8503PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.irf.com
2
IRLR8503PbF
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Diode Forward Voltage*
V
SD
1.0
V
I
S = 15A‚, VGS = 0V
Reverse Recovery Charge
„
Q
rr
76
nC
di/dt = 700A/µs
V
DS = 16V, VGS = 0V, IS = 15A
Reverse Recovery Charge
Q
rr(s)
–67
di/dt = 700A/µs
(with Parallel Schottky)
„
(with 10BQ040)
V
DS = 16V, VGS = 0V, IS = 15A
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Drain-to-Source
V
(BR)DSS
30
V
V
GS = 0V, ID = 250µA
Breakdown Voltage*
Static Drain-Source
R
DS(on)
11
16
m
V
GS = 10V, ID =15A‚
on Resistance*
13
18
V
GS = 4.5V, ID =15A
Gate Threshold Voltage*
V
GS(th)
1.0
V
V
DS = VGS, ID = 250µA
Drain-Source Leakage Current
I
DSS
30*
µA
V
DS = 24V, VGS = 0
150
V
DS = 24V, VGS = 0,
Tj = 100°C
Gate-Source Leakage Current*
I
GSS
±100
nA
V
GS = ±12V
Total Gate Charge Control FET*
Q
g
–15
20
V
GS= 5V, ID= 15A, VDS=16V,
Total Gate Charge Sync FET*
Q
g
–13
17
V
GS = 5V, VDS< 100mV
Pre-Vth
Q
gs1
3.7
V
DS = 16V, ID = 15A
Gate-Source Charge
Post-Vth
Q
gs2
1.3
nC
Gate-Source Charge
Gate to Drain Charge
Q
gd
4.1
Switch Charge* (Q
gs2 + Qgd)QSW
5.4
8
Output Charge*
Q
oss
23
29.5
V
DS = 16V, VGS = 0
Gate Resistance
R
g
1.7
Turn-on Delay Time
t
d (on)
–10
V
DD = 16V, ID = 15A
Drain Voltage Rise Time
tr
v
–18
ns
V
GS = 5V
Turn-off Delay Time
t
d (off)
11
Clamped Inductive Load
Drain Voltage Fall Time
tf
v
3
See test diagram Fig 14.
Input Capacitance
C
iss
1650
Output Capacitance
C
oss
650
pF
V
DS = 25V, VGS = 0
Reverse Transfer Capacitance
C
rss
–58
Electrical Characteristics
Source-Drain Rating & Characteristics
Notes:

Repetitive rating; pulse width limited by max. junction temperature.
‚
Pulse width
≤ 300 µs; duty cycle ≤ 2%.
ƒ
When mounted on 1 inch square copper board, t < 10 sec.
*
Devices are 100% tested to these parameters.
„
Typ = measured - Q
oss
… Calculated continuous current based on maximum allowable
Junction temperature; switching and other losses will
decrease RMS current capability; package limitation
current = 20A.


同様の部品番号 - IRLR8503PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLR8503 IRF-IRLR8503 Datasheet
101Kb / 8P
   HEXFET MOSFET for DC-DC Converters
IRLR8503TRR IRF-IRLR8503TRR Datasheet
247Kb / 9P
   N-Channel Application-Specific MOSFET
More results

同様の説明 - IRLR8503PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com