データシートサーチシステム |
|
K1100FCM データシート(PDF) 1 Page - MTRONPTI |
|
K1100FCM データシート(HTML) 1 Page - MTRONPTI |
1 / 2 page 4-pin Package, Compatible with 14-pin DIL 1.5MHz to 100MHz Frequency Range TTL/CMOS Compatible Tight Symmetry (45/55%) Available Tri-State Option Available ±100ppm Stability Standard - K1100FC Tighter Stabilities Available ±25ppm Stability:- K1100FA ±50ppm Stability:- K1100FB Case Ground for EMI Protection 2553 N. Edgington Street, Franklin Park, IL 60131 Phone: 847.451.1000 Fax: 847.451.7585 800-888-1499 or www.champtech.com 1 MODEL K1100FA Frequency Range (MHz) 1.5 to 125 Frequency Stability (ppm) Overall Inclusive of calibration, temperature, voltage, load, shock,vibration, aging 0°C to 70°C ±25 Temperature Range (°C) Operating -40°C to +85°C Storage -55°C to +125°C Supply Voltage (V) +5.0 ±5% Supply Current (mA) < 70 Symmetry (%) 40/60 ELECTRICAL SPECIFICATIONS Start up Time (ms) <10 PART NUMBERING GUIDE K1100FXXXX - Specify Frequency “Blank” = Fixed Frequency “E” = Tri-State “Blank” = 0oC to 70oC Operating Temperature “M” = -40oC to 85oC Operating Temperature “Blank” = 40/60% Symmetry “S” = 45/55 Symmetry “A” ±25ppm Frequency Stability (Available 0/70oC only) “B” = ±50 ppm Frequency Stability “C” = ±100ppm Frequency Stability K1100F Series 5V Crystal Clock Oscillators K1100F 66.677 MHZ CTI DA TE CODE 20,7 mm Max. 13,08 mm Max. PIN 1 5,08 mm Max. Output TTL/CMOS “0” Level (VOL) 0.9 VCC “1” Level (VOH) 0.1 VCC Load Up to 80MHz 50pF; >80MHz 30pF TR & TF (ns) <10 Jitter (Typical) 10ps RMS @ 100MHz N/A -40°C to 85°C K1100FC K1100FB ±50 ±100 ±100 ±50 |
同様の部品番号 - K1100FCM |
|
同様の説明 - K1100FCM |