データシートサーチシステム |
|
74ABT544 データシート(PDF) 2 Page - NXP Semiconductors |
|
74ABT544 データシート(HTML) 2 Page - NXP Semiconductors |
2 / 19 page 9397 750 14756 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 03 — 20 April 2005 2 of 19 Philips Semiconductors 74ABT544 Octal latched transceiver with dual enable; inverting; 3-state 3. Quick reference data 4. Ordering information 5. Functional diagram Table 1: Quick reference data Tamb = 25 °C; GND = 0 V. Symbol Parameter Conditions Min Typ Max Unit tPLH propagation delay An to Bn or Bn to An CL = 50 pF; VCC = 5 V - 3.0 - ns tPHL propagation delay An to Bn or Bn to An CL = 50 pF; VCC = 5 V - 3.6 - ns CI input capacitance VI = 0 V or VCC -4 -pF CI/O I/O capacitance outputs disabled; VO =0VorVCC -7 -pF ICC quiescent supply current outputs 3-state; VCC = 5.5 V - 110 - µA Table 2: Ordering information Type number Package Temperature range Name Description Version 74ABT544D −40 °C to +85 °C SO24 plastic small outline package; 24 leads; body width 7.5 mm SOT137-1 74ABT544N −40 °C to +85 °C DIP24 plastic dual in-line package; 24 leads (300 mil) SOT222-1 74ABT544DB −40 °C to +85 °C SSOP24 plastic shrink small outline package; 24 leads; body width 5.3 mm SOT340-1 74ABT544PW −40 °C to +85 °C TSSOP24 plastic thin shrink small outline package; 24 leads; body width 4.4 mm SOT355-1 Fig 1. Logic symbol Fig 2. IEC logic symbol 001aac756 14 1 LEAB LEBA B0 B1 B2 B3 B4 B5 B6 B7 A0 A1 A2 A3 A4 A5 A6 A7 22 21 20 19 18 17 16 15 3456789 10 23 2 13 EBA OEBA OEAB 11 EAB 14 5D 5D 3 2C6 3 22 11 G2 13 2EN4 (BA) 1 1C5 23 G1 2 1EN3 (AB) 4 421 520 619 718 817 916 10 15 001aac757 |
同様の部品番号 - 74ABT544 |
|
同様の説明 - 74ABT544 |