データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA312X データシート(PDF) 9 Page - NXP Semiconductors

部品番号 BTA312X
部品情報  12 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA312X データシート(HTML) 9 Page - NXP Semiconductors

Back Button BTA312X Datasheet HTML 4Page - NXP Semiconductors BTA312X Datasheet HTML 5Page - NXP Semiconductors BTA312X Datasheet HTML 6Page - NXP Semiconductors BTA312X Datasheet HTML 7Page - NXP Semiconductors BTA312X Datasheet HTML 8Page - NXP Semiconductors BTA312X Datasheet HTML 9Page - NXP Semiconductors BTA312X Datasheet HTML 10Page - NXP Semiconductors BTA312X Datasheet HTML 11Page - NXP Semiconductors BTA312X Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BTA312X_SER_B_C_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2007
9 of 12
NXP Semiconductors
BTA312X series B and C
12 A Three-quadrant triacs high commutation
10. Package outline
Fig 12. Package outline SOT186A (3-lead TO-220F)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT186A
3-lead TO-220F
0
5
10 mm
scale
Plastic single-ended package; isolated heatsink mounted;
1 mounting hole; 3-lead TO-220 'full pack'
SOT186A
A
A1
Q
c
K
j
Notes
1. Terminal dimensions within this zone are uncontrolled.
2. Both recesses are
∅ 2.5 × 0.8 max. depth
D
D1
L
L2
L1
b1
b2
e1
e
b
w M
1
23
q
E
P
T
UNIT
D
b1
D1
e
q
Q
P
L
c
L2
(1)
max.
e1
A
5.08
3
mm
4.6
4.0
A1
2.9
2.5
b
0.9
0.7
1.1
0.9
b2
1.4
1.0
0.7
0.4
15.8
15.2
6.5
6.3
E
10.3
9.7
2.54
14.4
13.5
T
(2)
2.5
0.4
L1
3.30
2.79
j
2.7
1.7
K
0.6
0.4
2.6
2.3
3.0
2.6
w
3.2
3.0
DIMENSIONS (mm are the original dimensions)
02-04-09
06-02-14
mounting
base


同様の部品番号 - BTA312X

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA312X NXP-BTA312X Datasheet
95Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 02-17 December 2007
BTA312X-600B NXP-BTA312X-600B Datasheet
95Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 02-17 December 2007
logo
WeEn Semiconductors
BTA312X-600B WEEN-BTA312X-600B Datasheet
262Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA312X-600C NXP-BTA312X-600C Datasheet
95Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 02-17 December 2007
logo
WeEn Semiconductors
BTA312X-600C WEEN-BTA312X-600C Datasheet
262Kb / 13P
   3Q Hi-Com Triac
More results

同様の説明 - BTA312X

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312B-600E NXP-BTA312B-600E Datasheet
88Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-26 April 2007
BTA312B NXP-BTA312B Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 12 April 2007
BTA312X-800C NXP-BTA312X-800C Datasheet
95Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 02-17 December 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com