データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA316-600C データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BTA316-600C
部品情報  16 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA316-600C データシート(HTML) 3 Page - NXP Semiconductors

  BTA316-600C Datasheet HTML 1Page - NXP Semiconductors BTA316-600C Datasheet HTML 2Page - NXP Semiconductors BTA316-600C Datasheet HTML 3Page - NXP Semiconductors BTA316-600C Datasheet HTML 4Page - NXP Semiconductors BTA316-600C Datasheet HTML 5Page - NXP Semiconductors BTA316-600C Datasheet HTML 6Page - NXP Semiconductors BTA316-600C Datasheet HTML 7Page - NXP Semiconductors BTA316-600C Datasheet HTML 8Page - NXP Semiconductors BTA316-600C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BTA316_SER_B_C_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2007
3 of 12
NXP Semiconductors
BTA316 series B and C
16 A Three-quadrant triacs high commutation
α = conduction angle
Fig 1.
Total power dissipation as a function of RMS on-state current; maximum values
f = 50 Hz
Fig 2.
Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum
values
003aab689
0
5
10
15
20
02
46
8
10
12
14
16
IT(RMS) (A)
Ptot
(W)
α= 180°
120
°
90
°
60
°
30
°
conduction
angle,
(degrees)
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
α
003aab668
0
40
80
120
160
1
10
10
2
10
3
number of cycles (n)
ITSM
(A)
ITSM
t
IT
Tj(init) = 25 °C max
1/f


同様の部品番号 - BTA316-600C

メーカー部品番号データシート部品情報
logo
WeEn Semiconductors
BTA316-600C WEEN-BTA316-600C Datasheet
236Kb / 13P
   3Q Hi-Com Triac
More results

同様の説明 - BTA316-600C

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316X NXP-BTA316X Datasheet
98Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com