データシートサーチシステム |
|
BC373RL1 データシート(PDF) 2 Page - ON Semiconductor |
|
BC373RL1 データシート(HTML) 2 Page - ON Semiconductor |
2 / 4 page BC372, BC373 http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Collector −Emitter Breakdown Voltage(1) (IC = 100 mAdc, IB = 0) BC372 BC373 V(BR)CES 100 80 − − − − Vdc Collector −Base Breakdown Voltage (IC = 100 mAdc, IE = 0) BC372 BC373 V(BR)CBO 100 80 − − − − Vdc Emitter −Base Breakdown Voltage (IE = 10 mAdc, IC = 0) V(BR)EBO 12 − − Vdc Collector Cutoff Current (VCB = 80 Vdc, IE = 0) BC372 (VCB = 60 Vdc, IE = 0) BC373 ICBO − − − − 100 100 nAdc Emitter Cutoff Current (VEB = 10 V, IC = 0) IEBO − − 100 nAdc ON CHARACTERISTICS (Note 1) DC Current Gain (IC = 250 mAdc, VCE = 5.0 Vdc) (IC = 100 mAdc, VCE = 5.0 Vdc) hFE 8.0 10 − − − 160 K Collector −Emitter Saturation Voltage (IC = 250 mAdc, IB = 0.25 mAdc) VCE(sat) − 1.0 1.1 Vdc Base −Emitter Saturation Voltage (IC = 250 mAdc, IB = 0.25 mAdc) VBE(sat) − 1.4 2.0 Vdc DYNAMIC CHARACTERISTICS Current−Gain Bandwidth Product (IC = 100 mAdc, VCE = 5.0 Vdc, f = 100 MHz) fT 100 200 − MHz Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1.0 MHz) Cob − 10 25 pF Noise Figure (IC = 1.0 mAdc, VCE = 5.0 Vdc, Rg = 100 kW, f = 1.0 kHz) NF − 2.0 − dB 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0%. |
同様の部品番号 - BC373RL1 |
|
同様の説明 - BC373RL1 |