データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9948 データシート(PDF) 10 Page - Analog Devices

部品番号 AD9948
部品情報  10-Bit CCD Signal Processor with Precision Timing??Core
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9948 データシート(HTML) 10 Page - Analog Devices

Back Button AD9948 Datasheet HTML 6Page - Analog Devices AD9948 Datasheet HTML 7Page - Analog Devices AD9948 Datasheet HTML 8Page - Analog Devices AD9948 Datasheet HTML 9Page - Analog Devices AD9948 Datasheet HTML 10Page - Analog Devices AD9948 Datasheet HTML 11Page - Analog Devices AD9948 Datasheet HTML 12Page - Analog Devices AD9948 Datasheet HTML 13Page - Analog Devices AD9948 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. 0
–10–
AD9948
Table II. AFE Register Map
Data Bit
Default
Address
Content
Value
Name
Description
00
[11:0]
4
OPRMODE
AFE Operation Modes. (See Table VIII.)
01
[9:0]
0
VGAGAIN
VGA Gain.
02
[7:0]
80
CLAMP LEVEL
Optical Black Clamp Level.
03
[11:0]
4
CTLMODE
AFE Control Modes. (See Table IX.)
04
[17:0]
0
PxGA GAIN01
PxGA Gain Registers for Color 0 [8:0] and Color 1 [17:9].
05
[17:0]
0
PxGA GAIN23
PxGA Gain Registers for Color 2 [8:0] and Color 3 [17:9].
Table III. Miscellaneous Register Map
Data Bit
Default
Address
Content
Value
Name
Description
10
[0]
0
SW_RST
Software Reset.
1 = Reset all registers to default, then self-clear back to 0.
11
[0]
0
OUT_CONTROL
Output Control.
0 = Make all dc outputs inactive.
12
[0]
0
TGCORE_RSTB
Timing Core Reset Bar.
0 = Reset TG core.
1 = Resume operation.
13
[11:0]
0
UPDATE
Serial Update.
Sets the line (HD) within the field to update serial data.
14
[0]
0
PREVENTUPDATE
Prevents the update of the VD-Updated Registers.
1 = Prevent update.
15
[0]
0
VDHDEDGE
VD/HD Active Edge.
0 = Falling edge triggered.
1 = Rising edge triggered.
16
[1:0]
0
FIELDVAL
Field Value Sync.
0 = Next Field 0.
1 = Next Field 1.
2/3 = Next Field 2.
17
[0]
0
HBLKRETIME
Retime HBLK to Internal H1 Clock.
Preferred setting is 1. Setting to 1 will add one cycle delay to HBLK
toggle positions.
18
[1:0]
0
CLPBLKOUT
CLP/BLK Pin Output Select.
0 = CLPOB.
1 = PBLK.
2 = HBLK.
3 = Low.
19
[0]
1
CLPBLKEN
Enable CLP/BLK Output.
1 = Enable.
1A
[0]
0
TEST MODE
Internal Test Mode.
Should always be set low.


同様の部品番号 - AD9948

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9948 AD-AD9948 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD9948AD9949 AD-AD9948AD9949 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
More results

同様の説明 - AD9948

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9949 AD-AD9949 Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9991 AD-AD9991 Datasheet
770Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com