データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP05D データシート(PDF) 11 Page - ON Semiconductor

部品番号 MC10EP05D
部品情報  Evaluation Board Manual for High Frequency SOIC 8
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP05D データシート(HTML) 11 Page - ON Semiconductor

Back Button MC10EP05D Datasheet HTML 7Page - ON Semiconductor MC10EP05D Datasheet HTML 8Page - ON Semiconductor MC10EP05D Datasheet HTML 9Page - ON Semiconductor MC10EP05D Datasheet HTML 10Page - ON Semiconductor MC10EP05D Datasheet HTML 11Page - ON Semiconductor MC10EP05D Datasheet HTML 12Page - ON Semiconductor MC10EP05D Datasheet HTML 13Page - ON Semiconductor MC10EP05D Datasheet HTML 14Page - ON Semiconductor MC10EP05D Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ECLSOIC8EVB
http://onsemi.com
11
J3
J2
R3
50
W
J7
C1
0.01
mF
GND
C4
0.1
mF
GND
Short
VCC
VEE
DUT
Pin 4
Pin 3
Pin 2
Pin 1
Pin 5
Pin 6
Pin 7
Pin 8
Figure 10. Configuration 7 − Translator Schematic
(Unloaded Testing Condition)
R2
50
W
Table 10. Configuration 7
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
Device
J1
R1
J2
R2
J3
R3
J4
R4
C2
C3
J6
R6
J7
R7
C1
C4
MC10ELT21D/MC100EL21D
No
No
Yes
Yes
Yes
Yes
No
No
No
No
No
No
Yes
No
Yes
Yes
MC100EPT21D
No
No
Yes
Yes
Yes
Yes
No
No
No
No
No
No
Yes
No
Yes
Yes
*See Appendix for loaded testing condition.


同様の部品番号 - MC10EP05D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP05D ONSEMI-MC10EP05D Datasheet
85Kb / 8P
   2-Input Differential AND/NAND
Sep, 1999 ??Rev. 1.0
MC10EP05D ONSEMI-MC10EP05D Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP05D ONSEMI-MC10EP05D Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC10EP05DG ONSEMI-MC10EP05DG Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP05DG ONSEMI-MC10EP05DG Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
More results

同様の説明 - MC10EP05D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ECLSOIC8EVB ONSEMI-ECLSOIC8EVB Datasheet
201Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
ECLLQFP32EVB ONSEMI-ECLLQFP32EVB Datasheet
238Kb / 22P
   Evaluation Board Manual for High Frequency LQFP32
April, 2003 - Rev. 1
ECLTSSOP20EVB ONSEMI-ECLTSSOP20EVB Datasheet
188Kb / 18P
   Evaluation Board Manual for High Frequency TSSOP 20
May, 2003 - Rev. 1
NB4N527SMNEVB ONSEMI-NB4N527SMNEVB Datasheet
321Kb / 8P
   Evaluation Board Manual for NB4N527S
September, 2008 ??Rev. 1
NBSG111BAEVB ONSEMI-NBSG111BAEVB Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com