データシートサーチシステム |
|
MC100EP89D データシート(PDF) 4 Page - ON Semiconductor |
|
MC100EP89D データシート(HTML) 4 Page - ON Semiconductor |
4 / 20 page ECLSOIC8EVB http://onsemi.com 4 Evaluation Board Assembly Instructions The 8−lead SOIC evaluation board is designed for characterizing devices in a 50 W laboratory environment using high bandwidth equipment. Each signal trace on the board has a via, which has an option of termination resistor or bypassing capacitor depending on the input/output configuration (see Table 1. Configuration List). Table 17 contains the Bill of Materials for this evaluation board. Solder the Device on the Evaluation Board The soldering can be accomplished by hand soldering or soldering re−flow techniques. Make sure pin 1 of the device is located next the white dotted mark U1 and all the pins are aligned to the footprint pads. Solder the 8−lead SOIC device to the evaluation board. Connecting Power and Ground Planes For standard ECL lab setup and test, a split (dual) power supply is required enabling the 50 W internal impedance in the oscilloscope to be used as a termination of the ECL signals (VTT = VCC – 2.0 V, in split power supply setup, VTT is the system ground, VCC is 2.0 V, and VEE is –3.0 V or –1.3 V; see Table 2: Power Supply Levels). Table 2. Power Supply Levels Power Supply VCC VEE GND 5.0 V 2.0 V −3.0 V 0.0 V 3.3 V 2.0 V −1.3 V 0.0 V 2.5 V 2.0 V −0.5 V 0.0 V The power supply for voltage level translating device need slight modification as indicated in Table 3. Power Supply Levels for Translators. Table 3. Power Supply Levels for Translators VCC VEE GND PECL Translators 3.3 V / 5.0 V 0.0 V 0.0 V On the top side of the evaluation board solder the four surface mount test point clips to the pads labeled VCC, VEE, and GND. The VCC clip connects directly to pin 8 of the device. The VEE clip connects directly to pin 5 of the device. There are two GND clip footprints which can be connected to the ground plane of the evaluation board depending on the setup configuration. It is recommended to solder 0.01 mF capacitors to C1 and C2 to reduce the unwanted noise from the power supplies. C3 and C4 pads are provided for 0.1 mF capacitor to further diminish the noise from the power supplies. Adding capacitors can improve edge rates, reduce overshoot and undershoot. Termination All ECL outputs need to be terminated to VTT (VTT = VCC –2.0 V = GND) via a 50 W resistor in a split power supply lab set−up. 0603 chip resistor pads are provided on the bottom side of the evaluation board to terminate the ECL driver (More information on termination is provided in AN8020). Solder the chip resistors to the bottom side of the board on the appropriate input of the device pins labeled R1, R2, R3, R4, R6, and R7, depending on the specific device. Installing the SMA Connectors Each configuration indicates the number of SMA connectors needed to populate an evaluation board for a given configuration. Each input and output requires one SMA connector. Attach all the required SMA connectors onto the board and solder the connectors to the board. Please note that alignment of the signal connector pin of the SMA can influence the lab results. The reflection and launch of the signals are largely influenced by imperfect alignment and soldering of the SMA connector. Validating the Assembled Board After assembling the evaluation board, it is recommended to perform continuity checks on all soldered areas before commencing with the evaluation process. Time Domain Reflectometry (TDR) is another highly recommended validation test. |
同様の部品番号 - MC100EP89D |
|
同様の説明 - MC100EP89D |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |