データシートサーチシステム |
|
BYY57-200 データシート(PDF) 4 Page - Zetex Semiconductors |
|
BYY57-200 データシート(HTML) 4 Page - Zetex Semiconductors |
4 / 5 page BYY57 / BYY58 Parameter Symbol Min. Typ. Max. Unit Test contitions BYY57-75...1200 BYY58-75...1200 - 1.0 1.1 Forward voltage BYY57-1300...1500 BYY58-1300...1500 VF - 1.03 1.15 V IF = 35 A, measuring time 10ms (half-sine wave) BYY57-75...1200 BYY58-75...1200 - 0.82 - BYY57-1300...1500 BYY58-1300...1500 VF - 0.85 - V IF = 20 A, measuring time 10ms (half-sine wave),TJ = 150°C BYY57-75...1200 BYY58-75...1200 - - 1.2 Forward voltage (information values) BYY57-1300...1500 BYY58-1300...1500 VF - - 1.25 V IF = 50 A BYY57-75...150 BYY58-75...150 - - 3 BYY57-200...1500 BYY58-200...1500 IRRM - - 1.5 mA TJ = 150°C, at VRRM BYY57-75...400 BYY58-75...400 - - 0.25 Reverse current BYY57-500...1500 BYY58-500...1500 IRRM - - 0.1 mA at VRRM Threshold voltage (information value) V(FO) - 0.66 - V TJ = 175°C Slope resistance (information value) rF - 5.75 - mΩ TJ = 175°C Options: Electrical characteristics for parallel connecting (at Tamb = 25°C unless otherwise stated) Option Parameter Symbol Min. Typ. Max. Unit Test contitions 1 Forward voltage difference in one category of forward voltage ∆VF - - 0.05 V IF = 35 A, measuring time 10ms (half-sine wave) 2 Reverse current in one category of forward voltage (only for BYY57-300…1500 and BYY58-300…1500) IR - - 0.01 mA at VRRM Packaging details Issue 4 – September 2006 4 www.zetex.com © Zetex Semiconductors plc 2006 |
同様の部品番号 - BYY57-200 |
|
同様の説明 - BYY57-200 |