データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYY54-75 データシート(PDF) 5 Page - Zetex Semiconductors

部品番号 BYY54-75
部品情報  25A Silicon Power Rectifier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZETEX [Zetex Semiconductors]
ホームページ  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BYY54-75 データシート(HTML) 5 Page - Zetex Semiconductors

  BYY54-75 Datasheet HTML 1Page - Zetex Semiconductors BYY54-75 Datasheet HTML 2Page - Zetex Semiconductors BYY54-75 Datasheet HTML 3Page - Zetex Semiconductors BYY54-75 Datasheet HTML 4Page - Zetex Semiconductors BYY54-75 Datasheet HTML 5Page - Zetex Semiconductors BYY54-75 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BYY53 / BYY54
Electrical characteristics
(at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test contitions
BYY53-75...1200
BYY54-75...1200
-
0.95
1.1
Forward
voltage
BYY53-1300...1500
BYY54-1300...1500
VF
-
1.1
1.15
V
IF = 25 A,
measuring time
10ms (half-sine
wave)
BYY53-75...1200
BYY54-75...1200
-
0.82
-
BYY53-1300...1500
BYY54-1300...1500
VF
-
0.85
-
V
IF = 20 A,
measuring time
10ms (half-sine
wave),TJ = 150°C
BYY53-75...1200
BYY54-75...1200
-
-
1.20
Forward
voltage
(information
values)
BYY53-1300...1500
BYY54-1300...1500
VF
-
-
1.25
V
IF = 35 A,
BYY53-75...150
BYY54-75...150
-
-
3
BYY53-200...1500
BYY54-200...1500
IRRM
-
-
1.5
mA
TJ = 150°C, at
VRRM
BYY53-75...400
BYY54-75...400
-
-
0.25
Reverse
current
BYY53-500...1500
BYY54-500...1500
IRRM
-
-
0.1
mA
at VRRM
Threshold voltage (information
value)
V(FO)
-
0.66
-
V
TJ = 175°C
Slope resistance (information
value)
rF
-
5.75
-
mΩ
TJ = 175°C
Options: Electrical characteristics for parallel connecting
(at Tamb = 25°C unless otherwise stated)
Option
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test contitions
1
Forward voltage
difference in one
category of forward
voltage
∆VF
-
-
0.05
V
IF = 25 A, measuring
time 10ms (half-sine
wave)
2
Reverse current in one
category of forward
voltage (only for
BYY53-300…1500 and
BYY54-300…1500)
IR
-
-
0.01
mA
at VRRM
Issue 2 – November 2006
5
www.zetex.com
© Zetex Semiconductors plc 2006


同様の部品番号 - BYY54-75

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-100 ZETEX-BYY57-100 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-1000 ZETEX-BYY57-1000 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-1100 ZETEX-BYY57-1100 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-1200 ZETEX-BYY57-1200 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
More results

同様の説明 - BYY54-75

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
   25A Silicon Power Rectifier Diode
logo
Sanyo Semicon Device
DBG250G SANYO-DBG250G Datasheet
36Kb / 3P
   Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
1N5829 NAINA-1N5829 Datasheet
123Kb / 2P
   Schottky Power Diode, 25A
1N6095 NAINA-1N6095 Datasheet
122Kb / 2P
   Schottky Power Diode, 25A
logo
NTE Electronics
NTE5520 NTE-NTE5520 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR), 25A
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
   25A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
   Silicon Power Rectifier Diode, 40Amp
logo
Zetex Semiconductors
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
   35A Silicon Power Rectifier Diode
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com