データシートサーチシステム |
|
LB-302VP データシート(PDF) 2 Page - Rohm |
|
LB-302VP データシート(HTML) 2 Page - Rohm |
2 / 3 page LB-302FP Series LED displays ! ! ! !Internal circuit schematic (example of common cathode) 3 a 9 b 8 c 6 d 7 e 4 f 1 g 2 D.P 10 Dig.1 5 Dig.2 Pin No. Pin No. ! ! ! !Absolute maximum ratings (Ta = 25 °C) Parameter Symbol Red Unit LB-302VF / VP LB-302DF / DP LB-302MF / MP 800 50 15 60∗ 5 mW mW mA mA V °C °C PD PD / seg IF IFP VR Topr Tstg Power dissipation Power dissipation Forward current Peak forward current Reverse voltage Operating temperature Storage temperature 800 50 15 60∗ 5 Orange Green 960 60 20 60∗ 5 −25~+75 −30~+85 ∗ Pulse width 1ms duty 1 / 5 ! ! ! ! Electrical and optical characteristics (Ta = 25 °C) Parameter Symbol Red Orange Green Unit Conditions Min. Typ. Max. Min. Typ. Max. 2.8 V µA nm nm 2.0 2.8 2.0 650 40 100 610 40 100 − − − − − − − − −− −− −− Min. Typ. Max. 2.8 2.1 563 40 100 − − − − − −− IF = 10mA VR = 5V IF = 10mA IF = 10mA VF IR λP ∆λ Forward voltage Reverse current Peak wavelength Spectral line half width Not designed for radiation resistance. ! ! ! ! Luminous intensity Unit Min. Typ. Max. Color λP Type Red Orange Green 650 610 563 LB-302VF / VP LB-302DF / DP LB-302MF / MP 2.2 2.2 6.3 6.3 − − mcd mcd 2.2 6.3 − mcd Note : Measured at IF = 10mA |
同様の部品番号 - LB-302VP |
|
同様の説明 - LB-302VP |