データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13213R2 データシート(PDF) 4 Page - Freescale Semiconductor, Inc

部品番号 MC13213R2
部品情報  ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13213R2 データシート(HTML) 4 Page - Freescale Semiconductor, Inc

  MC13213R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
MC13211/212/213 Technical Data, Rev. 1.2
4
Freescale Semiconductor
1.3
Microcontroller Features
Low voltage MCU with 40 MHz low power HCS08 CPU core
Up to 60K flash memory with block protection and security and 4K RAM
— MC13211: 16KB Flash, 1KB RAM
— MC13212: 32KB Flash, 2KB RAM
— MC13213: 60KB Flash, 4KB RAM
Low power modes (Wait plus Stop2 and Stop3 modes)
Dedicated serial peripheral interface (SPI) connected internally to 802.15.4 modem
One 4-channel and one 1-channel 16-bit timer/pulse width modulator (TPM) module with
selectable input capture, output capture, and PWM capability.
8-bit port keyboard interrupt (KBI)
8-channel 8-10-bit ADC
Two independent serial communication interfaces (SCI)
Multiple clock source options
— Internal clock generator (ICG) with 243 kHz oscillator that has +/-0.2% trimming resolution
and +/-0.5% deviation across voltage.
— Startup oscillator of approximately 8 MHz
— External crystal or resonator
— External source from modem clock for very high accuracy source or system low-cost option
Inter-integrated circuit (IIC) interface.
In-circuit debug and flash programming available via on-chip background debug module (BDM)
— Two comparator and 9 trigger modes
— Eight deep FIFO for storing change-of-flow addresses and event-only data
— Tag and force breakpoints
— In-circuit debugging with single breakpoint
System protection features
— Programmable low voltage interrupt (LVI)
— Optional watchdog timer (COP)
— Illegal opcode detection
Up to 32 MCU GPIO with programmable pullups


同様の部品番号 - MC13213R2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13213R2 FREESCALE-MC13213R2 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13213R2 FREESCALE-MC13213R2 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC13213R2 NXP-MC13213R2 Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results

同様の説明 - MC13213R2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com