データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34716EPR2 データシート(PDF) 3 Page - Freescale Semiconductor, Inc

部品番号 MC34716EPR2
部品情報  1.0 MHz Dual Switch-Mode DDR Power Supply
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34716EPR2 データシート(HTML) 3 Page - Freescale Semiconductor, Inc

  MC34716EPR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34716
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 34716 Pin Connections
Table 1. 34716 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 11.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
BOOT1
Passive
Bootstrap
Channel 1 Bootstrap capacitor input pin
2
PVIN1
Supply
Power Input Voltage
Channel 1 Buck converter power input
3
SW1
Input/Output
Switching Node
Channel 1 Buck converter switching node
4
PGND1
Ground
Power Ground
Channel 1 Buck converter and discharge MOSFETs power ground
5
VOUT1
Input
Output Voltage
Discharge Path
Channel 1 Buck converter output voltage discharge pin
6
INV1
Input
Error Amplifier
Inverting Input
Channel 1 Buck converter error amplifier inverting input
7
COMP1
Input
Buck Convertor
Compensation Input
Channel 1 Buck converter external compensation network input
8
VREFIN
Input
Reference Voltage
Input
Voltage tracking reference voltage input
9
VREFOUT
Output
Reference Voltage
Output
This is a buffered reference voltage output
10
PG
Output
Power Good Output
Signal
It is an active low open drain power good status reporting output
11
SD
Input
Shutdown Input
Shutdown mode input control pin
12
COMP2
Input
Buck Convertor
Compensation Input
Channel 2 Buck converter external compensation network input
13
INV2
Input
Error Amplifier
Inverting Input
Channel 2 Buck converter error amplifier inverting input
Transparent
Top View
1
2
3
4
5
6
78
9
10
11 12 13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOOT1
PVIN1
SW1
PGND1
VOUT1
VOUT2
PGND2
SW2
PVIN2
BOOT2
PVIN2
SW2
PGND2
PGND1
SW1
PVIN1


同様の部品番号 - MC34716EPR2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC34716EP/R2 FREESCALE-MC34716EP/R2 Datasheet
772Kb / 27P
   1.0 MHz Dual Switch-Mode DDR Power Supply
More results

同様の説明 - MC34716EPR2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC34716 FREESCALE-MC34716 Datasheet
772Kb / 27P
   1.0 MHz Dual Switch-Mode DDR Power Supply
logo
NXP Semiconductors
KT34716UG NXP-KT34716UG Datasheet
1,005Kb / 17P
   Using the 1.0 MHz Dual Switch-Mode DDR Power Supply
Rev. 3.0, 1/2009
logo
Freescale Semiconductor...
MC34712 FREESCALE-MC34712 Datasheet
547Kb / 24P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
34717 FREESCALE-34717 Datasheet
651Kb / 25P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34712UG NXP-KT34712UG Datasheet
2Mb / 16P
   Using the 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Rev. 4.0, 1/2009
logo
Freescale Semiconductor...
MC34717 FREESCALE-MC34717 Datasheet
778Kb / 28P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34717UG NXP-KT34717UG Datasheet
1Mb / 20P
   Using the 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
Rev. 3.0, 1/2009
logo
Freescale Semiconductor...
MC34713 FREESCALE-MC34713 Datasheet
587Kb / 23P
   5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
34712 FREESCALE-34712 Datasheet
477Kb / 23P
   3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com