データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC146010ED データシート(PDF) 4 Page - Freescale Semiconductor, Inc

部品番号 MC146010ED
部品情報  Low Power CMOS Photoelectric Smoke Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC146010ED データシート(HTML) 4 Page - Freescale Semiconductor, Inc

  MC146010ED Datasheet HTML 1Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 2Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 3Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 4Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 5Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 6Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 7Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 8Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Sensors
4
Freescale Semiconductor
MC146010
* TA = 25°C Only
Symbol
Parameter
Test Condition
Test
Pin
VDD
Min
Max
Unit
IIH
Pull-Down Current
Test
I/O
VIN = VDD
I/O VIN = VDD
I/O VIN = 17 V
16
7.0
12
9.0
9.0
12
0.5
25
-1.0
1.0
100
140
µA
µA
VOL
Low-Level Output Voltage
LED
Silver, Brass
IOUT = 10 mA
IOUT = 16 mA
11
8.9
6.5
6.5
0.6
1.0
V
VOH
High-Level Output Voltage
Silver, Brass
IOUT = -16 mA
8.9
6.5
5.5
V
VOUT
Output Voltage
Strobe
(For Line Regulation, See Pin Descriptions)
Inactive, IOUT = 1.0 µA
Active, IOUT = 100 to 500 µA
(Load Regulation)
4.0
9.0
9.0
VDD-0.1
VDD-5.4
VDD-4.6
V
IOH
High-Level Output Current
I/O
Local Smoke, VOUT = 4.5 V
Local Smoke, VOUT = VSS
(Short Circuit Current)
7.0
6.5
12
-4.0
-16
mA
IOZ
Off-State Output Leakage Current
LED
VOUT = VSS or VDD
11
12
±100
nA
VOL
Active
1.0 mA
6.5
0.5
V
VIC
Common Mode
C1, C2, Detect
Voltage Range
Local Smoke, Pushbutton, or
Chamber Sensitivity Test
——
VDD-4.0
VDD-2.0
V
VREF
Smoke Comparator
Internal
Reference Voltage
Local Smoke, Pushbutton, or
Chamber Sensitivity Test
——
VDD-3.9
VDD -3.1
V
VREF-HI High Smoke Comparator
Internal
Reference Voltage
Local Smoke, Pushbutton, or
Chamber Sensitivity Test
——
VREF-
0.52
VREF-0.48
V
Table 2. Electrical Characteristics (Voltages Referenced to VSS, TA = -10 to 60°C unless otherwise indicated.) (continued)
Table 3
. AC Electrical Characteristics (Refer to Timing Diagram Figure 3 and Figure 4. TA = 25°C, VDD = 9.0 V,
Component Values from Figure 5.)
No.
Symbol
Parameter
Test Condition
Clocks
Min(1)
Typ(2)
Max(1)
Unit
11/fOSC
Oscillator period
Free-running Saw tooth
Measured at Pin 12
1.0
9.5
10.5
11.5
ms
2tLED
LED Pulse Period
No Local Smoke, and No
Remote Smoke
4096
38.9
43
47.1
s
3
Remote Smoke, but No Local
Smoke
——
4
Local Smoke
64
0.6
0.67
0.74
5
Pushbutton Test
64
0.6
0.67
0.74
?
Pushbutton Test with
Alarm Memory
4.0
38
42
46
ms
6tw(LED),
tw(stb)
LED Pulse Width and Strobe Pulse
Width
Remote Smoke but No Local
Smoke
1.0
9.5
10.5
11.5
ms
7tIRED
IRED Pulse Period
Smoke Test
1024
9.67
10.8
11.83
s
8
Chamber Sensitivity Test,
Without Local Smoke
4096
38.9
43
47.1
9
Local Smoke, in Speed-Up
128
1.2
1.3
1.5
Pushbutton Test
128
1.2
1.3
1.5
10
tw(IRED)
IRED Pulse Width
Tf*94
116
µs
11
tMOD
Silver and Brass Modulation Period
Local or Remote Smoke
32
304
336
368
ms
12
tON/tMOD Silver and Brass Duty Cycle Local or
Remote Smoke
—73
75
77
%


同様の部品番号 - MC146010ED

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC146010ED FREESCALE-MC146010ED Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
More results

同様の説明 - MC146010ED

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC146012 FREESCALE-MC146012 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146010 FREESCALE-MC146010 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146012 FREESCALE-MC146012_07 Datasheet
356Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com