データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A24159DRCR データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3A24159DRCR
部品情報  0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3A24159DRCR データシート(HTML) 7 Page - Texas Instruments

Back Button TS3A24159DRCR Datasheet HTML 3Page - Texas Instruments TS3A24159DRCR Datasheet HTML 4Page - Texas Instruments TS3A24159DRCR Datasheet HTML 5Page - Texas Instruments TS3A24159DRCR Datasheet HTML 6Page - Texas Instruments TS3A24159DRCR Datasheet HTML 7Page - Texas Instruments TS3A24159DRCR Datasheet HTML 8Page - Texas Instruments TS3A24159DRCR Datasheet HTML 9Page - Texas Instruments TS3A24159DRCR Datasheet HTML 10Page - Texas Instruments TS3A24159DRCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
Electrical Characteristics for 2.5-V Supply
(1) (Continued)
TS3A24159
0.3-
Ω DUAL SPDT ANALOG SWITCH
DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS238 – MARCH 2007
V
+ = 2.3 to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25
°C
2.5 V
23
45
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
2.3 V to
RL = 50 Ω,
See Figure 14
Full
50
2.7 V
25
°C
2.5 V
17
27
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
2.3 V to
RL = 50 Ω,
See Figure 14
Full
30
2.7 V
25
°C
2.5 V
2
14
30
Break-before-
VNC = VNO = V+,
CL = 35 pF,
tBBM
ns
2.3 V to
make time
RL = 50 Ω,
See Figure 15
Full
1
35
2.7 V
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25
°C
2.5 V
8
pC
RGEN = 0,
See Figure 19
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
See Figure 13
25
°C
2.5 V
90
pF
OFF capacitance
CNO(OFF)
Switch OFF,
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
See Figure 13
25
°C
2.5 V
250
pF
ON capacitance
CNO(ON)
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 13
25
°C
2.5 V
250
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 13
25
°C
2.5 V
2
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 16
25
°C
2.5 V
23
MHz
Switch ON,
RL = 50 Ω,
OFF isolation
OISO
See Figure 17
25
°C
2.5 V
–72
dB
f = 1 MHz,
RL = 50 Ω,
Crosstalk
XTALK
See Figure 18
25
°C
2.5 V
–96
dB
f = 1 MHz,
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25
°C
2.5 V
0.003
%
distortion
CL = 50 pF,
See Figure 20
Supply
25
°C
10
100
Positive supply
I+
VI = V+ or GND
2.7 V
nA
current
Full
700
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
7
Submit Documentation Feedback


同様の部品番号 - TS3A24159DRCR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A24159DRCR TI-TS3A24159DRCR Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159DRCR TI1-TS3A24159DRCR Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159DRCRG4 TI-TS3A24159DRCRG4 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

同様の説明 - TS3A24159DRCR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_15 Datasheet
1Mb / 32P
[Old version datasheet]   TS3A24159 0.3-廓 2-Channel SPDT Bidirectional Analog Switch Dual-Channel 2:1 Multiplexer and Demultiplexer
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_10 Datasheet
743Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com