データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A3159ADCKRG4 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A3159ADCKRG4
部品情報  1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159ADCKRG4 データシート(HTML) 4 Page - Texas Instruments

  TS5A3159ADCKRG4 Datasheet HTML 1Page - Texas Instruments TS5A3159ADCKRG4 Datasheet HTML 2Page - Texas Instruments TS5A3159ADCKRG4 Datasheet HTML 3Page - Texas Instruments TS5A3159ADCKRG4 Datasheet HTML 4Page - Texas Instruments TS5A3159ADCKRG4 Datasheet HTML 5Page - Texas Instruments TS5A3159ADCKRG4 Datasheet HTML 6Page - Texas Instruments TS5A3159ADCKRG4 Datasheet HTML 7Page - Texas Instruments TS5A3159ADCKRG4 Datasheet HTML 8Page - Texas Instruments TS5A3159ADCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
Electrical Characteristics for 5-V Supply
(1)
TS5A3159A
1-
Ω SPDT ANALOG SWITCH
5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS200A – AUGUST 2005 – REVISED FEBRUARY 2007
V
+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
25°C
0.8
1.1
Peak on
0
≤ (V
NO or VNC) ≤ V+,
Switch on,
rpeak
4.5 V
resistance
ICOM = –100 mA,
See Figure 15
Full
1.5
25°C
0.7
0.9
On-state
VNO or VNC = 2.5 V,
Switch on,
ron
4.5 V
resistance
ICOM = –100 mA,
See Figure 15
Full
1.1
On-state
25°C
0.05
0.1
resistance
VNO or VNC = 2.5 V,
Switch on,
match
∆r
on
4.5 V
ICOM = –100 mA,
See Figure 15
Full
0.1
between
channels
0
≤ (V
NO or VNC) ≤ V+,
Switch on,
25°C
0.15
On-state
ICOM = –100 mA,
See Figure 15
resistance
ron(flat)
4.5 V
25°C
0.1
0.25
VNO or VNC = 1 V, 1.5 V, 2.5 V,
Switch on,
flatness
ICOM = –100 mA,
See Figure 15
Full
0.25
VNC or VNO = 1 V, VCOM = 1 V to 4.5 V,
25°C
–20
2
20
INC(OFF),
Switch off,
or
5.5 V
nA
NC, NO
INO(OFF)
See Figure 16
Full
–100
100
VNC or VNO = 4.5 V, VCOM = 1 V to 4.5 V,
off leakage
current
25°C
–1
0.2
1
INC(PWROFF),
VNC or VNO = 0 to 5.5 V,
Switch off,
0 V
µA
INO(PWROFF)
VCOM = 5.5 V to 0,
See Figure 16
Full
–20
20
NC, NO
VNC or VNO = 1 V, VCOM = Open,
25°C
–20
2
20
INC(ON),
Switch on,
on leakage
or
5.5 V
nA
INO(ON)
See Figure 17
Full
–100
100
current
VNC or VNO = 4.5 V, VCOM = Open,
COM
25°
–1
0.1
1
VNC or VNO = 0 to 5.5 V,
Switch off,
off leakage
ICOM(PWROFF)
0 V
µA
VCOM = 5.5 V to 0,
See Figure 16
Full
–20
20
current
COM
VNC or VNO = Open, VCOM = 1 V,
25°C
–20
2
20
Switch on,
on leakage
ICOM(ON)
or
5.5 V
nA
See Figure 17
Full
–100
100
current
VNC or VNO = Open, VCOM = 4.5 V,
Digital Input (IN)
Input logic high
VIH
Full
2.4
5.5
V
Input logic low
VIL
Full
0
0.8
25°C
5.5 V
–2
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
nA
current
Full
100
100
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
4
Submit Documentation Feedback


同様の部品番号 - TS5A3159ADCKRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3159ADCKRG4 TI-TS5A3159ADCKRG4 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADCKRG4 TI1-TS5A3159ADCKRG4 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

同様の説明 - TS5A3159ADCKRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624 Datasheet
329Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157DBVRG4 TI1-TS5A63157DBVRG4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com