データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1185ARMZ-1 データシート(PDF) 5 Page - Analog Devices

部品番号 ADM1185ARMZ-1
部品情報  Quad Voltage Monitor and Sequencer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1185ARMZ-1 データシート(HTML) 5 Page - Analog Devices

  ADM1185ARMZ-1 Datasheet HTML 1Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 2Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 3Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 4Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 5Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 6Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 7Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 8Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM1185
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND 1
VIN1 2
VIN2 3
VIN3 4
VIN4 5
VCC
10
OUT1
9
OUT2
8
OUT3
7
PWRGD
6
ADM1185
TOP VIEW
(Not to Scale)
Figure 3.
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Chip Ground Pin.
2
VIN1
Noninverting Input of Comparator 1. The voltage on this pin is compared with a 0.6 V reference. Can be used to
monitor a voltage rail via a resistor divider. The output of this comparator is monitored by the state machine core.
This input can also be driven by a logic signal to initiate a power-up sequence.
3
VIN2
Noninverting Input of Comparator 2. The voltage on this pin is compared with a 0.6 V reference. Can be used to
monitor a voltage rail via a resistor divider. The output of this comparator is monitored by the state machine core.
4
VIN3
Noninverting Input of Comparator 3. The voltage on this pin is compared with a 0.6 V reference. Can be used to
monitor a voltage rail via a resistor divider. The output of this comparator is monitored by the state machine core.
5
VIN4
Noninverting Input of Comparator 4. The voltage on this pin is compared with a 0.6 V reference. Can be used to
monitor a voltage rail via a resistor divider. The output of this comparator is monitored by the state machine core.
6
PWRGD
Active-High, Open-Drain Output. This output is pulled low once VCC = 1 V. When the voltage on each VINx input
exceeds 0.6 V, the state machine moves from STATE4 to STATE5, and PWRGD is asserted. Once in State 5 (the
PWRGD state), this output is driven low if the voltage on VIN1, VIN2, VIN3, or VIN4 falls below 0.6 V.
7
OUT3
Active-High, Open-Drain Output. This output is pulled low once VCC = 1 V. When the voltage on VIN3 exceeds 0.6 V,
the state machine moves from STATE3 to STATE4, and OUT3 is asserted. Once the power-up sequence is complete
and STATE5 (the PWRGD state) is reached, this output is driven low if the voltage on VIN1 falls below 0.6 V.
8
OUT2
Active-High, Open-Drain Output. This output is pulled low once VCC = 1 V. When the voltage on VIN2 exceeds 0.6 V,
the state machine moves from STATE2 to STATE3, and OUT2 is asserted. Once the power-up sequence is complete
and STATE5 (the PWRGD state) is reached, this output is driven low if the voltage on VIN1 falls below 0.6 V.
9
OUT1
Active-High, Open-Drain Output. This output is pulled low once VCC = 1 V. When the voltage on VIN1 exceeds 0.6 V,
the state machine moves from STATE1 to STATE2, and OUT1 is asserted. A time delay of 190 ms (typical) is included
before the assertion of this pin. Once the power-up sequence is complete and STATE5 (the PWRGD state) is
reached, this output is driven low if the voltage on VIN1 falls below 0.6 V.
10
VCC
Positive Supply Input Pin. The operating supply voltage range is 2.7 V to 5.5 V.


同様の部品番号 - ADM1185ARMZ-1

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1185ARMZ AD-ADM1185ARMZ Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
More results

同様の説明 - ADM1185ARMZ-1

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
   Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com