データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA105 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 TA105
部品情報  Micro-Power Motor Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TA105 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  TA105 Datasheet HTML 1Page - List of Unclassifed Manufacturers TA105 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Phone: (805) 544-0761 Fax: (805) 544-4621
www.TrustAutomation.com
205 Suburban Road San Luis Obispo, CA 93401
x
x
Electrical
Supply Voltage
15-48V
Equivalent Motor Voltage
up to
±43V*
Output Current
±2A peak**
Fault
TTL Level 0 or 1
/Enable
TTL Level 0
Command Input
±10V
Torque Gain
0.05-0.2A/V
Bandwidth
5KHz***
______
*dependent upon motor load
**for 0.5 second
***into a 2.5 mH load
Mechanical
Length
5.5 inches (allow >1 inch clearance on
each end for sufficient forced-air cooling)
Width
2.2 inches
Height
2.1 inches
Weight
20 ounces
Mounting
(4) 6-32 screws
Absolute Maximum Ratings
Supply Voltage
52V
Command Input
±12V
Heatsink Temperature
75oC
Heat Dissipation
continuous 30W
peak
50W
Connector Pinouts
Connector – J1
Wago P/N 733-110
Pin
Description
1
Command Signal Input A+
2
Command Signal Input A-
3
Aux Gnd
4
Aux Gnd
5
Dynamic Transconductance Select Bit D0
6
Dynamic Transconductance Select Bit D1
7
/ENABLE*
8
FAULT*
9
Aux Gnd
10
V
AUX
(user-supplied +5V)**
NOTE:
NOTE:
NOTE:
NOTE:
NOTE:
S1-5 and S1-6 must be "UP" for DTS
use.
Gain - Transconductance & DTS
Setting
S1-5
S1-6
10V in = 0.5A out
Down (0)
Down (0)
10V in = 1.0A out
U p (1)
Down (0)
10V in = 1.5A out
Down (0)
U p (1)
10V in = 2.0A out
U p (1)
U p (1)
Connector – J2
Wago P/N 734-105
Pin
Description
1
Motor +
2
Motor -
3
GND
4
GND
5V
SUPPLY
(15-48VDC)
*Referenced to Aux Gnd
**User-supplied/connected for optical isolation (optional)
***Referenced to GND
Switch Settings
S1 – System Configuration
SW#
DOWN
UP
1
TA105-supplied +5V
User-supplied +5V (for
(20mA max)
optical isolation)
2
Aux Gnd tied to GND
Aux Gnd isolated from GND
3
/FAULT
FAULT
4
Current mode
Voltage mode (Av=20)
5
DTS bit 0
6
DTS bit 1
123456
S1-5, S1-6 are
shown UP.


同様の部品番号 - TA105

メーカー部品番号データシート部品情報
logo
Beijing Yaohuadechang E...
TA1050 YHDC-TA1050 Datasheet
1Mb / 1P
   Through core type precision current transformer
logo
TAI-SAW TECHNOLOGY CO.,...
TA1050A TAI-SAW-TA1050A Datasheet
389Kb / 8P
   SAW Filter 670 MHz
logo
Golledge Electronics Lt...
TA1050A GOLLEDGE-TA1050A Datasheet
108Kb / 7P
   SAW Filter 670.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1050B TAI-SAW-TA1050B Datasheet
474Kb / 7P
   SAW Filter 670 MHz SMD 3.0횞3.0 mm (BW=20 MHz)
logo
Transko Electronics, In...
TA10514AD1 TRANSKO-TA10514AD1 Datasheet
609Kb / 4P
   105.51 MHz IF SAW Filter / 14.18 MHz Bandwidth
Revision 0: 28. Jun. 2008
More results

同様の説明 - TA105

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SB1457 TOSHIBA-2SB1457 Datasheet
155Kb / 4P
   TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE , POWER SWITCHING, AMPLIFIER APPLICATIONS)
2SB1457 TOSHIBA-2SB1457_09 Datasheet
157Kb / 5P
   Micro Motor Drive, Hammer Drive Applications Power Switching Applications Power Amplifier Applications
logo
KEC(Korea Electronics)
KTB2234 KEC-KTB2234 Datasheet
88Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE, POWER SWITCHING, POWER AMPLIFIER)
logo
Toshiba Semiconductor
2SD1140 TOSHIBA-2SD1140 Datasheet
195Kb / 4P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2480 TOSHIBA-2SD2480 Datasheet
196Kb / 3P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1658 TOSHIBA-2SD1658 Datasheet
177Kb / 4P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2088 TOSHIBA-2SD2088 Datasheet
179Kb / 4P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2206 TOSHIBA-2SD2206 Datasheet
160Kb / 3P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1509 TOSHIBA-2SD1509 Datasheet
163Kb / 3P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1784 TOSHIBA-2SD1784 Datasheet
193Kb / 3P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com