データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UZXYY データシート(PDF) 6 Page - Advanced Analogic Technologies

部品番号 UZXYY
部品情報  PCMCIA Current Limit Interface and Capacitor Charger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGICTECH [Advanced Analogic Technologies]
ホームページ  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

UZXYY データシート(HTML) 6 Page - Advanced Analogic Technologies

Back Button UZXYY Datasheet HTML 2Page - Advanced Analogic Technologies UZXYY Datasheet HTML 3Page - Advanced Analogic Technologies UZXYY Datasheet HTML 4Page - Advanced Analogic Technologies UZXYY Datasheet HTML 5Page - Advanced Analogic Technologies UZXYY Datasheet HTML 6Page - Advanced Analogic Technologies UZXYY Datasheet HTML 7Page - Advanced Analogic Technologies UZXYY Datasheet HTML 8Page - Advanced Analogic Technologies UZXYY Datasheet HTML 9Page - Advanced Analogic Technologies UZXYY Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical Characteristics
I
LIM vs. Temperature
(VIN = 4V; VOUT = 3.85V; ENUB = 0V; RSET = 1.24M
Ω
Ω)
Temperature (
°C)
960
980
1000
1020
-50
-25
0
25
50
75
100
Quiescent Current I
QU vs. Temperature
(ENUB = 0V; ENLB = VCC; or ENLB = 0V; ENUB = VCC;VOUT = Open)
Temperature (
°°C)
25
30
35
40
45
50
55
-40
-20
0
20
40
60
80
100
120
VIN = 5V
VIN = 3.3V
I
LIM vs. Temperature
(VIN = 4V; VOUT = 3.85V; ENLB = 0V; RSET = 249k
Ω
Ω)
Temperature (
°C)
190
195
200
205
210
-50
-25
0
25
50
75
100
V
RHYS vs. RRHYS
RRHYS (k
Ω
Ω)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
500
1000
1500
R
DS(ON) vs. Temperature
(RSET = 0
Ω
Ω)
Temperature (
°C)
30
40
50
60
70
80
90
-40
-20
0
20
40
60
80
100
VIN = 3V
VIN = 5V
R
DS(ON) vs. Input Voltage
(RSET = 0k
Ω
Ω)
Input Voltage (V)
45
50
55
60
65
70
2.5
3
3.5
4
4.5
5
5.5
AAT4620
PCMCIA Current Limit Interface
and Capacitor Charger
6
4620.2007.04.1.1


同様の説明 - UZXYY

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
AAT4620 SKYWORKS-AAT4620_12 Datasheet
830Kb / 14P
   PCMCIA Current Limit Interface and Capacitor Charger
logo
Advanced Analogic Techn...
AAT4621 ANALOGICTECH-AAT4621 Datasheet
878Kb / 16P
   PC Card Current Limit Interface and Capacitor Charger
logo
Skyworks Solutions Inc.
AAT4621 SKYWORKS-AAT4621_12 Datasheet
1Mb / 17P
   PC Card Current Limit Interface and Capacitor Charger
logo
SiGe Semiconductor, Inc...
AATIAN92 SIGE-AATIAN92 Datasheet
351Kb / 7P
   Power Path with Input Current Limit and Capacitor Charger
logo
Allegro MicroSystems
A8425 ALLEGRO-A8425 Datasheet
439Kb / 16P
   High Current Photoflash Capacitor Charger
logo
Zilog, Inc.
Z86017 ZILOG-Z86017 Datasheet
1Mb / 138P
   PCMCIA Interface Solution
logo
STMicroelectronics
LK115 STMICROELECTRONICS-LK115 Datasheet
224Kb / 14P
   Internal current and thermal limit
January 2014 Rev 5
logo
Vicor Corporation
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
   Remote sense and current limit
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
   Remote sense and current limit
logo
Agere Systems
L9219A AGERE-L9219A Datasheet
397Kb / 30P
   Low-Cost Line Interface with Reverse Battery and Dual Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com