データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ACT7805-20DLR データシート(PDF) 9 Page - Texas Instruments

部品番号 SN74ACT7805-20DLR
部品情報  256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7805-20DLR データシート(HTML) 9 Page - Texas Instruments

Back Button SN74ACT7805-20DLR Datasheet HTML 5Page - Texas Instruments SN74ACT7805-20DLR Datasheet HTML 6Page - Texas Instruments SN74ACT7805-20DLR Datasheet HTML 7Page - Texas Instruments SN74ACT7805-20DLR Datasheet HTML 8Page - Texas Instruments SN74ACT7805-20DLR Datasheet HTML 9Page - Texas Instruments SN74ACT7805-20DLR Datasheet HTML 10Page - Texas Instruments SN74ACT7805-20DLR Datasheet HTML 11Page - Texas Instruments SN74ACT7805-20DLR Datasheet HTML 12Page - Texas Instruments SN74ACT7805-20DLR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SN74ACT7805
256
× 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS201B – MARCH 1991 – REVISED APRIL 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
’ACT7805-15
’ACT7805-20
’ACT7805-25
’ACT7805-40
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
2
2
V
VIL
Low-level input voltage
0.8
0.8
0.8
0.8
V
IOH
High-level output current
Q outputs, flags
–8
–8
–8
–8
mA
IOL
Low level output current
Q outputs
16
16
16
16
mA
IOL
Low-level output current
Flags
8
8
8
8
mA
TA
Operating free-air temperature
0
70
0
70
0
70
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
VCC = 4.5 V,
IOH = –8 mA
2.4
V
VOL
Flags
VCC = 4.5 V,
IOL = 8 mA
0.5
V
VOL
Q outputs
VCC = 4.5 V,
IOL = 16 mA
0.5
V
II
VCC = 5.5 V,
VI = VCC or 0
±5
µA
IOZ
VCC = 5.5 V,
VO = VCC or 0
±5
µA
ICC
VI = VCC – 0.2 V or 0
400
µA
∆ICC‡
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
1
mA
Ci
VI = 0,
f = 1 MHz
4
pF
Co
VO = 0,
f = 1 MHz
8
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This is the supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.


同様の部品番号 - SN74ACT7805-20DLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ACT7805-20DLR TI-SN74ACT7805-20DLR Datasheet
193Kb / 14P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results

同様の説明 - SN74ACT7805-20DLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ACT7805 TI-SN74ACT7805 Datasheet
193Kb / 14P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7805 TI-SN74ALVC7805 Datasheet
196Kb / 14P
[Old version datasheet]   256 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7881 TI-SN54ACT7881 Datasheet
193Kb / 15P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7811 TI-SN54ACT7811 Datasheet
218Kb / 16P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7811 TI-SN74ACT7811 Datasheet
222Kb / 17P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7881 TI-SN74ACT7881 Datasheet
195Kb / 15P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7882 TI-SN74ACT7882 Datasheet
196Kb / 15P
[Old version datasheet]   2048 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7881 TI1-SN74ACT7881_15 Datasheet
275Kb / 19P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com