データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABTH162245A データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74ABTH162245A
部品情報  16-Bit bus transceiver with 30W series termination resistors (3-State)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH162245A データシート(HTML) 4 Page - NXP Semiconductors

  74ABTH162245A Datasheet HTML 1Page - NXP Semiconductors 74ABTH162245A Datasheet HTML 2Page - NXP Semiconductors 74ABTH162245A Datasheet HTML 3Page - NXP Semiconductors 74ABTH162245A Datasheet HTML 4Page - NXP Semiconductors 74ABTH162245A Datasheet HTML 5Page - NXP Semiconductors 74ABTH162245A Datasheet HTML 6Page - NXP Semiconductors 74ABTH162245A Datasheet HTML 7Page - NXP Semiconductors 74ABTH162245A Datasheet HTML 8Page - NXP Semiconductors 74ABTH162245A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74ABT162245A
74ABTH162245A
16-bit bus transceiver with 30
Ω series
termination resistors (3-State)
1998 Feb 25
4
LOGIC SYMBOL (IEEE/IEC)
∇ 1
48
47
G3
1
3 EN1 (BA)
3 EN2 (AB)
2
2
3
44
5
43
6
41
8
40
9
38
11
37
12
46
25
24
∇ 4
36
35
5
13
14
33
16
32
17
30
19
29
20
27
22
26
23
G6
6 EN4 (BA)
6 EN5 (AB)
SA00022
SCHEMATIC OF EACH OUTPUT
VCC
GND
OUTPUT
SA00042
27
27


同様の部品番号 - 74ABTH162245A

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ABTH162245A NEXPERIA-74ABTH162245A Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
74ABTH162245ADGG NEXPERIA-74ABTH162245ADGG Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
More results

同様の説明 - 74ABTH162245A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
   16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT162245A NEXPERIA-74ABT162245A Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
74ALVT162245 NEXPERIA-74ALVT162245 Datasheet
232Kb / 13P
   16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 3 February 2021
logo
NXP Semiconductors
74ABT2245 PHILIPS-74ABT2245 Datasheet
111Kb / 12P
   Octal transceiver with direction pin and 30W series termination resistors (3-State)
1998 Jan 16
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
   3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
logo
NXP Semiconductors
74LVC162245A PHILIPS-74LVC162245A Datasheet
84Kb / 10P
   16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVTH322245 NXP-74LVTH322245 Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com