データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE3210S01 データシート(PDF) 4 Page - California Eastern Labs

部品番号 NE3210S01
部品情報  SUPER LOW NOISE HJ FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

NE3210S01 データシート(HTML) 4 Page - California Eastern Labs

  NE3210S01 Datasheet HTML 1Page - California Eastern Labs NE3210S01 Datasheet HTML 2Page - California Eastern Labs NE3210S01 Datasheet HTML 3Page - California Eastern Labs NE3210S01 Datasheet HTML 4Page - California Eastern Labs NE3210S01 Datasheet HTML 5Page - California Eastern Labs NE3210S01 Datasheet HTML 6Page - California Eastern Labs NE3210S01 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NE3210S01
j50
j25
j10
0
-j10
-j25
-j50
-j100
10
25
50 100
j100
0
S11
26.5 GHz
S11
0.1 GHz
S22
0.1 GHz
S22
26.5 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
S12
0.1 GHz
S12
26.5 GHz
S21
0.1 GHz
S21
26.5 GHz
TYPICAL SCATTERING PARAMETERS(TA = 25°C)
NE3210S01
VD = 2 V, ID = 5 mA
Coordinates in Ohms
Frequency in GHz
VD = 2 V, ID = 5 mA
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Note:
1. Gain Calculation:
MAG = |S
21
|
|S12|
K - 1
).
2
(K ±
D = S11 S22 - S21 S12
When K
£ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | D | - |S11| - |S22|
2
2
2
2 |S12 S21|
,
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.10
1.001
-1.14
3.405
178.54
0.001
82.96
0.732
-0.85
-0.03
34.20
0.20
1.000
-2.12
3.393
177.73
0.003
88.10
0.731
-1.97
0.00
30.64
0.30
1.000
-3.08
3.393
176.83
0.004
88.76
0.732
-3.04
-0.03
28.99
0.40
0.999
-4.18
3.396
175.50
0.006
86.87
0.732
-3.93
0.04
27.65
0.50
0.997
-4.94
3.345
173.68
0.007
85.87
0.735
-4.73
0.08
26.76
0.70
0.995
-6.83
3.347
171.18
0.010
84.12
0.735
-6.68
0.11
25.30
1.00
0.992
-10.11
3.350
167.44
0.014
81.51
0.732
-9.24
0.12
23.77
1.50
0.987
-15.20
3.346
161.27
0.021
77.55
0.726
-13.91
0.15
22.03
2.00
0.978
-20.81
3.362
154.97
0.028
73.36
0.718
-18.29
0.19
20.82
2.50
0.968
-26.46
3.373
148.74
0.035
69.02
0.709
-22.77
0.23
19.89
3.00
0.954
-32.09
3.388
142.45
0.041
64.57
0.698
-27.41
0.27
19.15
3.50
0.938
-37.61
3.386
136.09
0.047
59.71
0.685
-32.00
0.33
18.54
4.00
0.920
-43.04
3.381
129.89
0.053
54.85
0.670
-36.40
0.39
18.06
5.00
0.879
-53.83
3.378
117.91
0.062
45.72
0.638
-44.54
0.50
17.34
6.00
0.835
-64.32
3.428
106.08
0.070
38.30
0.604
-52.54
0.60
16.93
7.00
0.778
-77.53
3.525
92.97
0.081
29.68
0.553
-62.26
0.68
16.40
8.00
0.680
-92.29
3.539
78.21
0.086
17.34
0.469
-73.32
0.89
16.15
9.00
0.589
-109.87
3.527
63.32
0.091
7.85
0.398
-86.69
1.03
14.86
10.00
0.505
-127.92
3.432
49.90
0.089
0.93
0.335
-97.84
1.22
11.00
0.481
-149.57
3.490
35.80
0.096
-2.08
0.302
-114.77
1.14
13.32
12.00
0.461
-175.91
3.442
19.40
0.104
-10.23
0.250
-139.98
1.11
13.13
13.00
0.453
155.80
3.273
3.28
0.107
-18.84
0.210
-173.02
1.16
12.40
14.00
0.468
129.34
3.017
-12.03
0.104
-26.21
0.214
151.67
1.27
11.50
15.00
0.521
109.11
2.774
-25.92
0.102
-31.03
0.256
126.40
1.30
11.09
16.00
0.587
92.69
2.545
-39.53
0.098
-35.03
0.309
109.03
1.30
10.89
17.00
0.658
79.53
2.325
-53.80
0.098
-38.38
0.389
95.15
1.18
11.16
18.00
0.720
68.06
2.045
-67.87
0.096
-43.64
0.476
82.56
1.10
11.42
19.00
0.762
58.38
1.773
-79.76
0.093
-47.93
0.553
74.44
1.03
11.69
20.00
0.793
51.94
1.537
-89.63
0.089
-50.59
0.603
67.90
1.02
11.62
21.00
0.819
48.37
1.366
-97.66
0.089
-52.07
0.640
62.36
0.94
11.85
22.00
0.849
43.44
1.238
-106.37
0.090
-56.92
0.685
57.59
0.77
11.36
23.00
0.866
38.86
1.124
-116.19
0.089
-63.10
0.721
52.26
0.65
11.02
24.00
0.863
34.84
1.009
-124.88
0.087
-67.53
0.748
48.09
0.63
10.67
25.00
0.868
29.14
0.949
-132.34
0.084
-71.30
0.751
46.97
0.60
10.54
26.00
0.865
28.40
0.918
-138.91
0.086
-71.66
0.736
40.30
0.66
10.26
26.50
0.859
28.76
0.895
-143.63
0.084
-74.09
0.744
34.46
0.69
10.25
13.05


同様の部品番号 - NE3210S01

メーカー部品番号データシート部品情報
logo
NEC
NE3210S01 NEC-NE3210S01 Datasheet
62Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
logo
NEC
NE3210S01-T1 NEC-NE3210S01-T1 Datasheet
62Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3210S01-T1 RENESAS-NE3210S01-T1 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
logo
NEC
NE3210S01-T1B NEC-NE3210S01-T1B Datasheet
62Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFER N-CHANNEL HJ-FET
More results

同様の説明 - NE3210S01

メーカー部品番号データシート部品情報
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com