データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE34018-TI-64-A データシート(PDF) 8 Page - California Eastern Labs

部品番号 NE34018-TI-64-A
部品情報  GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

NE34018-TI-64-A データシート(HTML) 8 Page - California Eastern Labs

Back Button NE34018-TI-64-A Datasheet HTML 2Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 3Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 4Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 5Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 6Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 7Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 8Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 9Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Parameters
Q1
Parameters
Q1
VTO
-0.6885
RG
4
VTOSC
0
RD
1.5
ALPHA
5
RS
2
BETA
0.1838
RGMET
0
GAMMA
0.038
KF
0
GAMMADC
0.03
AF
1
Q
1.8
TNOM
27
DELTA
0.25
XTI
3
VBI
0.7
EG
1.43
IS
3e-13
VTOTC
0
N
1
BETATCE
0
RIS
0
FFE
1
RID
0
TAU
4e-12
CDS
0.1e-12
RDB
5000
CBS
1e-11
CGSO
0.95e-12
CGDO
0.04e-12
DELTA1
0.3
DELTA2
0.05
FC
0.5
VBR
Infinity
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
FET NONLINEAR MODEL PARAMETERS (1)
UNITS
MODEL RANGE
Frequency:
0.5 to 6 GHz
Bias:
VDS = 1 V to 3 V, ID = 5 mA to 40 mA
Date:
6/97
(1) Series IV Libra TOM Model
NE34018
NE34018 NONLINEAR MODEL
SCHEMATIC
CGD_PKG
LG_PKG
0.02pF
LD
LD_PKG
CDS_PKG
LS_PKG
CGS_PKG
0.1pF
0.93nH
0.18nH
GATE
LS
Q1
LG
0.25nH
SOURCE
DRAIN
0.18nH
0.1pF
0.09nH
0.4nH


同様の部品番号 - NE34018-TI-64-A

メーカー部品番号データシート部品情報
logo
NEC
NE34018-T1 NEC-NE34018-T1 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE34018-T1 RENESAS-NE34018-T1 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
NEC
NE34018-T2 NEC-NE34018-T2 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE34018-T2 RENESAS-NE34018-T2 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
More results

同様の説明 - NE34018-TI-64-A

メーカー部品番号データシート部品情報
logo
California Eastern Labs
NE38018 CEL-NE38018 Datasheet
68Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
NEC
NE38018 NEC-NE38018_00 Datasheet
67Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com