データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14468 データシート(PDF) 5 Page - Freescale Semiconductor, Inc

部品番号 MC14468
部品情報  Low-Power CMOS Ionization Smoke Detector IC with Interconnect
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14468 データシート(HTML) 5 Page - Freescale Semiconductor, Inc

  MC14468 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Sensors
Freescale Semiconductor
5
MC14468
DEVICE OPERATION
Timing
The internal oscillator of the MC14468 operates with a
period of 1.67 seconds during no-smoke conditions. Each
1.67 seconds, internal power is applied to the entire IC and a
check is made for smoke, except during LED pulse, Low
Battery Alarm Chirp, or Horn Modulation (in smoke). Every 24
clock cycles a check is made for low battery by comparing
VDD to an internal zener voltage. Since very small currents
are used in the oscillator, the oscillator capacitor should be of
a low leakage type.
Detect Circuitry
If smoke is detected, the oscillator period becomes 40 ms
and the piezoelectric horn oscillator circuit is enabled. The
horn output is modulated 160 ms on, 80 ms off. During the off
time, smoke is again checked and will inhibit further horn
output if no smoke is sensed. During local smoke conditions
the low battery alarm is inhibited, but the LED pulses at a
1.0 Hz rate. In remote smoke, the LED is inhibited as well.
An active guard is provided on both pins adjacent to the
detect input. The voltage at these pins will be within 100 mV
of the input signal. This will keep surface leakage currents to
a minimum and provide a method of measuring the input
voltage without loading the ionization chamber. The active
guard op amp is not power strobed and thus gives constant
protection from surface leakage currents. Pin 15 (the Detect
input) has internal diode protection against static damage.
Interconnect
The I/O (Pin 2), in combination with VSS, is used to
interconnect up to 40 remote units for common signaling. A
Local Smoke condition activates a current limited output
driver, thereby signaling Remote Smoke to interconnected
units. A small current sink improves noise immunity during
non-smoke conditions. Remote units at lower voltages do not
draw excessive current from a sending unit at a higher
voltage. The I/O is disabled for three oscillator cycles after
power up, to eliminate false alarming of remote units when
the battery is changed.
Sensitivity/Low Battery Thresholds
Both the sensitivity threshold and the low battery voltage
levels are set internally by a common voltage divider (please
see Figure 2) connected between VDD and VSS. These
voltages can be altered by external resistors connected from
pins 3 or 13 to either VDD or VSS. There will be a slight
interaction here due to the common voltage divider network.
The sensitivity threshold can also be set by adjusting the
smoke chamber ionization source.
Test Mode
Since the internal op amps and comparators are power
strobed, adjustments for sensitivity or low battery level could
be difficult and/or time-consuming. By forcing Pin 12 to VSS,
the power strobing is bypassed and the output, Pin 1,
constantly shows smoke/no smoke. Pin 1 = VDD for smoke.
In this mode and during the 10 ms power strobe, chip current
rises to approximately 50
µA.
LED Pulse
The 9-volt battery level is checked every 40 seconds
during the LED pulse. The battery is loaded via a 10 mA
pulse for 10 ms. If the LED is not used, it should be replaced
with an equivalent resistor such that the battery loading
remains at 10 mA.
Hysteresis
When smoke is detected, the resistor/divider network that
sets sensitivity is altered to increase sensitivity. This yields
approximately 100 mV of hysteresis and reduces false
triggering.
Figure 6. Typical Application as Ionization Smoke Detector
MC14468
1
16
2
3
4
5
6
7
8
15
14
13
12
11
10
9
Test
+
9 V
8.2 M
330
1.5 M
Ω*
220 k
Ω*
0.1
µF
1 M
1 M
0.1
µF
0.001
µF
*Note: Component values may change
To
Other
Units
depending on type of piezoelectric horn used.


同様の部品番号 - MC14468

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14468 MOTOROLA-MC14468 Datasheet
266Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT
MC14468P MOTOROLA-MC14468P Datasheet
266Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT
More results

同様の説明 - MC14468

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
Microchip Technology
RE46C129 MICROCHIP-RE46C129 Datasheet
212Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
Freescale Semiconductor...
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
logo
MOSDESIGN SEMICONDUCTOR...
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com