データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33976DW データシート(PDF) 6 Page - Freescale Semiconductor, Inc

部品番号 MC33976DW
部品情報  Dual Gauge Driver with Configurable esponse Time
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33976DW データシート(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33976DW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33976DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33976DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33976DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33976DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33976DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33976DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33976DW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33976DW Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33976
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUTS (CONTINUED)
Full Step Active Output (Measured Across Coil Outputs)
SIN0, 1, ± (COS0, 1, ±) (see Figure 9, page 26)
Steps 1, 3 (0, 2)
VFS
4.9
5.3
6.0
V
Microstep, Full Step Output
(Measured from Coil Low Side to Ground)
SIN0, 1, ± (COS0, 1, ±), IOUT = 30 mA
VLS
0
0.1
0.3
V
Output Flyback Clamp (11)
VFB
VST6 + 0.5
VST6+ 1.0
V
Output Current Limit (Output = Vst6)
ILIM
40
100
170
mA
Overtemperature Shutdown (10)
OTSD
155
180
°C
Overtemperature Hysteresis (11)
OTHYST
8.0
16
°C
CONTROL I/O
Input Logic High Voltage (12)
VIH
2.0
V
Input Logic Low Voltage (12)
VIL
0.8
V
Input Logic Voltage Hysteresis (10)
VIN(HYST)
100
mV
Input Logic Pull Down Current (SI, SCLK)
IDWN
3.0
20
µA
Input Logic Pull-Up Current (CS, RST)
IUP
5.0
20
µA
SO High-State Output Voltage (IOH = 1.0 mA)
VSOH
0.8 VDD
V
SO Low-State Output Voltage (IOL = -1.6 mA)
VSOL
0.2
0.4
V
SO Tri-State Leakage Current (CS
≥ 3.5 V)
ISOLK
-5.0
0
5.0
µA
Input Capacitance (13)
CIN
4.0
12
pF
SO Tri-State Capacitance (13)
CSO
20
pF
ANALOG TO DIGITAL CONVERTER (RTZ ACCUMULATOR COUNT)
ADC Gain (10), (14)
GADC
100
188
270
Counts/
V/ms
Notes
10.
This parameter is guaranteed by design, but it is not production tested.
11.
Not 100 percent tested.
12.
VDD = 5.0 V.
13.
Capacitance not measured. This parameter is guaranteed by design, but it is not production tested.
14.
Reference RTZ Accumulator (Typical) on page 23
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
≤ V
DD ≤ 5.25 V, - 40°C ≤ T
J ≤ 150°C, GND = 0 V unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC33976DW

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33976DW/R2 FREESCALE-MC33976DW/R2 Datasheet
5Mb / 40P
   Dual Gauge Driver with Configurable Response Time
More results

同様の説明 - MC33976DW

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33976 FREESCALE-MC33976 Datasheet
5Mb / 40P
   Dual Gauge Driver with Configurable Response Time
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
Freescale Semiconductor...
33970 FREESCALE-33970 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
ON Semiconductor
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
   Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
logo
Freescale Semiconductor...
33977 FREESCALE-33977 Datasheet
1Mb / 37P
   Single Gauge Driver
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
logo
List of Unclassifed Man...
MLX10407 ETC-MLX10407 Datasheet
93Kb / 9P
   5-Channel Gauge Driver with Serial Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com