データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCZ33991EGR2 データシート(PDF) 9 Page - Freescale Semiconductor, Inc

部品番号 MCZ33991EGR2
部品情報  Gauge Driver Integrated Circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33991EGR2 データシート(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCZ33991EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33991
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT AND CLOCK TIMINGS
SIN, COS Output Turn ON delay Time (time from rising CS enabling
outputs to steady state coil voltages and currents) (12)
TDHY(ON)
1.0
mS
SIN, COS Output Turn OFF delay Time (time from rising CS disables
outputs to steady state coil voltages and currents) (12)
TDHY(OFF)
1.0
mS
Uncalibrated Oscillator Cycle Time
TCLU
0.65
1.0
1.7
µS
Calibrated Oscillator Cycle Time (Cal pulse = 8 µs, PECR D4 is logic 0)
TCLC
1.0
1.1
1.2
µS
Calibrated Oscillator Cycle Time (Cal pulse = 8 µs, PECR D4 is logic 1)
TCLC
0.9
1.0
1.1
µS
Maximum Pointer Speed (13)
VMAX
400
°C
Maximum Pointer Acceleration (13)
AMAX
4500
°C2
Notes
12.
Maximum specified time for the 33991 is the minimum guaranteed time needed from the micro.
13.
The minimum and maximum value will vary proportionally to the internal clock tolerance. These are not 100 percent tested.
Table 3. Static Electrical Characteristics (continued)
(Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40°C < TJ < 150°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MCZ33991EGR2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MCZ33990EF FREESCALE-MCZ33990EF Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
MCZ33990EF/R2 FREESCALE-MCZ33990EF/R2 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
MCZ33990EFR2 FREESCALE-MCZ33990EFR2 Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
MCZ33993EW FREESCALE-MCZ33993EW Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
MCZ33993EW FREESCALE-MCZ33993EW Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
More results

同様の説明 - MCZ33991EGR2

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33970 FREESCALE-33970 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
NTE Electronics
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
   Integrated Circuit Audio Driver
NTE1715 NTE-NTE1715 Datasheet
18Kb / 2P
   Integrated Circuit 8-Circuit Display Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
NTE Electronics
NTE1751 NTE-NTE1751 Datasheet
20Kb / 2P
   Integrated Circuit TV SCR Driver
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
logo
International Rectifier
AUIR08152S IRF-AUIR08152S_15 Datasheet
999Kb / 13P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com