データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34920EIR2 データシート(PDF) 8 Page - Freescale Semiconductor, Inc

部品番号 MC34920EIR2
部品情報  2.8 ohm (Typ) Quad H-Bridge Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34920EIR2 データシート(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC34920EIR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34920
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Differential DC Motor Driver Output Voltage
VVB++ Rising Monotonically from 0 V to 42 V (1.0 µs < tR < 10 ms)
OR
VVB+ Falling Monotonically from 42 V to 0 V (1.0 µs < tF < 10 ms)
VDCMD
4.0
V
DC Motor Driver Thermal Shutdown Output Voltage
IOH = 0.1 V
VOH_DCM
VVB+ -
0.5 V
V
DC Motor Driver Thermal Shutdown Junction Temperature
TJ(SHUTDOWN)
155
175
oC
DC Motor Driver Thermal Enable Junction Temperature
TJ(ENABLE)
135
155
oC
Equivalent Resistance
Using 2 H-Bridges in Parallel, Nom Value @ TJ = 25°C
RDS(ON)
0.73
RESET
RESET
High-State Output Voltage
IOH = -0.1 mA
VOH
VCC - 0.5 V
V
RESET
Low-State Output Voltage
VV1_FB < VV1T+
VOL
0.2
V
Input Low Voltage State
VCC + 3.3 V ±10%
VCC + 5.0 V ±5%
VIL
0.8
1.5
V
Input High-Voltage State
VCC + 3.3 V ±10%
VCC + 5.0 V ±5%
VIH
2.1
3.3
V
RESET
VV1_FB Low Threshold
Voltage at V1_FB
VV1T-
1.9
2.08
2.2
V
RESET
VV1_FB High Threshold
Voltage at V1_FB
VV1T+
2.05
2.23
2.35
V
RESET
VVB+ Low Threshold
VB+
VVB+T-
13.5
15.4
16.5
V
RESET
VVB+ High Threshold
VB+
VVB+T+
13.5
16.6
20
V
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 21 V VVB+ 42 V, TA = 10°C to 55°C, TJ max = 135°C, VCC = 5.25 V max unless
otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under typical conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC34920EIR2

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
More results

同様の説明 - MC34920EIR2

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
logo
Princeton Technology Co...
PT2475 PTC-PT2475 Datasheet
86Kb / 4P
   1.2A Quad H-Bridge Motor Driver
logo
ON Semiconductor
LV8414CS ONSEMI-LV8414CS Datasheet
357Kb / 37P
   Quad H-Bridge Micro Step Motor Driver
March 2015 - Rev. 3
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
   H-Bridge Motor Driver/Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com