データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT3904 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 PZT3904
部品情報  NPN switching transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZT3904 データシート(HTML) 3 Page - NXP Semiconductors

  PZT3904 Datasheet HTML 1Page - NXP Semiconductors PZT3904 Datasheet HTML 2Page - NXP Semiconductors PZT3904 Datasheet HTML 3Page - NXP Semiconductors PZT3904 Datasheet HTML 4Page - NXP Semiconductors PZT3904 Datasheet HTML 5Page - NXP Semiconductors PZT3904 Datasheet HTML 6Page - NXP Semiconductors PZT3904 Datasheet HTML 7Page - NXP Semiconductors PZT3904 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 14
3
Philips Semiconductors
Product specification
NPN switching transistor
PZT3904
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see
“Thermal considerations for SOT223 in the General Part of associated
Handbook”.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
117
K/W
Rth j-s
thermal resistance from junction to soldering point
36
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =30V
50
nA
IEBO
emitter cut-off current
IC = 0; VEB =6V
50
nA
hFE
DC current gain
VCE = 1 V; (see Fig.2)
IC = 0.1 mA
60
IC = 1 mA
80
IC = 10 mA
100
300
IC =50mA
60
IC = 100 mA
30
VCEsat
saturation voltage
IC = 10 mA; IB =1mA
200
mV
IC = 50 mA; IB =5mA
200
mV
VBEsat
saturation voltage
IC = 10 mA; IB =1mA
850
mV
IC = 50 mA; IB =5mA
950
mV
Cc
collector capacitance
IE =ie = 0; VCB =5V; f=1MHz
4pF
Ce
emitter capacitance
IC =ic = 0; VEB = 500 mV; f = 1 MHz
8pF
fT
transition frequency
IC = 10 mA; VCE = 20 V; f = 100 MHz
300
MHz
F
noise figure
IC = 100 µA; VCE =5V; RS =1kΩ;
f = 10 Hz to 15.7 kHz
5dB
Switching times (between 10% and 90% levels); (see Fig.3)
ton
turn-on time
ICon = 10 mA; IBon = 1 mA; IBoff = −1mA
65
ns
td
delay time
35
ns
tr
rise time
35
ns
toff
turn-off time
240
ns
ts
storage time
200
ns
tf
fall time
50
ns


同様の部品番号 - PZT3904

メーカー部品番号データシート部品情報
logo
STMicroelectronics
PZT3904 STMICROELECTRONICS-PZT3904 Datasheet
46Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
logo
Guangdong Kexin Industr...
PZT3904 KEXIN-PZT3904 Datasheet
700Kb / 2P
   NPN Transistors
logo
Siemens Semiconductor G...
PZT3904 SIEMENS-PZT3904 Datasheet
124Kb / 5P
   NPN Silicon Switching Transistor
logo
SHIKUES Electronics
PZT3904 SKTECHNOLGY-PZT3904 Datasheet
432Kb / 2P
   Silicon NPN bipolar Transistor
logo
Fairchild Semiconductor
PZT3904 FAIRCHILD-PZT3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
More results

同様の説明 - PZT3904

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com