データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT3906 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 PZT3906
部品情報  PNP switching transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZT3906 データシート(HTML) 3 Page - NXP Semiconductors

  PZT3906 Datasheet HTML 1Page - NXP Semiconductors PZT3906 Datasheet HTML 2Page - NXP Semiconductors PZT3906 Datasheet HTML 3Page - NXP Semiconductors PZT3906 Datasheet HTML 4Page - NXP Semiconductors PZT3906 Datasheet HTML 5Page - NXP Semiconductors PZT3906 Datasheet HTML 6Page - NXP Semiconductors PZT3906 Datasheet HTML 7Page - NXP Semiconductors PZT3906 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 14
3
Philips Semiconductors
Product specification
PNP switching transistor
PZT3906
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see
“Thermal considerations for SOT223 in the General Part of associated
Handbook”.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
115
K/W
Rth j-s
thermal resistance from junction to soldering point
34
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−50
nA
IEBO
emitter cut-off current
IC = 0; VEB = −6V
−−50
nA
hFE
DC current gain
VCE = −1 V; (see Fig.2)
IC = −0.1 mA
60
IC = −1mA
80
IC = −10 mA
100
300
IC = −50 mA
60
IC = −100 mA
30
VCEsat
collector-emitter saturation voltage
IC = −10 mA; IB = −1mA
−−200
mV
IC = −50 mA; IB = −5mA
−−200
mV
VBEsat
base-emitter saturation voltage
IC = −10 mA; IB = −1mA
−650
−850
mV
IC = −50 mA; IB = −5mA
−−950
mV
Cc
collector capacitance
IE =ie = 0; VCB = −5 V; f = 1 MHz
4.5
pF
Ce
emitter capacitance
IC =ic = 0; VEB = −500 mV; f = 1 MHz
10
pF
fT
transition frequency
IC = −10 mA; VCE = −20 V; f = 100 MHz 250
MHz
F
noise figure
IC = −100 µA; VCE = −5 V; RS =1kΩ;
f = 10 Hz to 15.7 kHz
4dB
Switching times (between 10% and 90% levels); (see Fig.3)
ton
turn-on time
ICon = −10 mA; IBon = −1 mA;
IBoff =1mA
65
ns
td
delay time
35
ns
tr
rise time
35
ns
toff
turn-off time
300
ns
ts
storage time
225
ns
tf
fall time
75
ns


同様の部品番号 - PZT3906

メーカー部品番号データシート部品情報
logo
STMicroelectronics
PZT3906 STMICROELECTRONICS-PZT3906 Datasheet
46Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
Fairchild Semiconductor
PZT3906 FAIRCHILD-PZT3906 Datasheet
49Kb / 6P
   PNP General Purpose Amplifier
PZT3906 FAIRCHILD-PZT3906 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
logo
SeCoS Halbleitertechnol...
PZT3906 SECOS-PZT3906 Datasheet
815Kb / 2P
   Epitaxial Planar Transistor
More results

同様の説明 - PZT3906

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com