データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RZ1214B65Y データシート(PDF) 4 Page - NXP Semiconductors

部品番号 RZ1214B65Y
部品情報  NPN microwave power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RZ1214B65Y データシート(HTML) 4 Page - NXP Semiconductors

  RZ1214B65Y Datasheet HTML 1Page - NXP Semiconductors RZ1214B65Y Datasheet HTML 2Page - NXP Semiconductors RZ1214B65Y Datasheet HTML 3Page - NXP Semiconductors RZ1214B65Y Datasheet HTML 4Page - NXP Semiconductors RZ1214B65Y Datasheet HTML 5Page - NXP Semiconductors RZ1214B65Y Datasheet HTML 6Page - NXP Semiconductors RZ1214B65Y Datasheet HTML 7Page - NXP Semiconductors RZ1214B65Y Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Dec 24
4
Philips Semiconductors
Product specification
NPN microwave power transistor
RZ1214B65Y
THERMAL CHARACTERISTICS
Tj =75 °C unless otherwise specified.
Notes
1. See
“Mounting recommendations in the General part of associated Handbook”.
2. Equivalent thermal impedance under pulsed microwave operating conditions.
CHARACTERISTICS
Tmb =25 °C unless otherwise specified.
APPLICATION INFORMATION
The transistors are 100% tested under the following conditions.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Rth j-mb
thermal resistance from junction to mounting-base
2.5
K/W
Rth mb-h
thermal resistance from mounting-base to heatsink
note 1
0.2
K/W
Zth j-h
thermal resistance from junction to heatsink
tp = 100 µs; δ =10%;
notes 1 and 2
0.55
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
IC = 40 mA; IE =0
65
V
V(BR)CES
collector-emitter breakdown voltage
IC = 40 mA; RBE =0
60
V
ICBO
collector cut-off current
VCB = 50 V; IE =0
4mA
IEBO
emitter cut-off current
VEB = 1.5 V; IC =0
0.4
mA
MODE OF
OPERATION
CONDITIONS
f
(GHz)
VCC
(V)
PL
(W)
Gp
(dB)
ηC
(%)
Zi; ZL
(
Ω)
Class-C
tp = 150 µs; δ = 5%
1.2 to 1,4
50
typ.80; >70
typ.7.8; >7
typ.40; >35
see Fig 4
tp = 300 µs; δ = 10% 1.2 to 1,4
50
typ.80;
typ.7
typ.30
see Fig 4


同様の部品番号 - RZ1214B65Y

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
RZ1214B35Y PHILIPS-RZ1214B35Y Datasheet
69Kb / 8P
   NPN microwave power transistor
1997 Feb 18
More results

同様の説明 - RZ1214B65Y

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NXP Semiconductors
LXE16350X PHILIPS-LXE16350X Datasheet
88Kb / 12P
   NPN microwave power transistor
1997 Feb 19
LZ1418E100R PHILIPS-LZ1418E100R Datasheet
66Kb / 12P
   NPN microwave power transistor
1997 Feb 18
PZB16035U PHILIPS-PZB16035U Datasheet
67Kb / 12P
   NPN microwave power transistor
1997 Feb 18
RZ1214B35Y PHILIPS-RZ1214B35Y Datasheet
69Kb / 8P
   NPN microwave power transistor
1997 Feb 18
MX1011B700Y PHILIPS-MX1011B700Y Datasheet
91Kb / 12P
   NPN microwave power transistor
1997 Feb 18
LAE4002S PHILIPS-LAE4002S Datasheet
48Kb / 8P
   NPN microwave power transistor
1997 Feb 18
LWE2010S PHILIPS-LWE2010S Datasheet
74Kb / 12P
   NPN microwave power transistor
1997 Feb 19
PVB42004X PHILIPS-PVB42004X Datasheet
64Kb / 8P
   NPN microwave power transistor
1997 Feb 19
PXB16050U PHILIPS-PXB16050U Datasheet
74Kb / 12P
   NPN microwave power transistor
1997 Feb 19
LXE18300X PHILIPS-LXE18300X Datasheet
51Kb / 8P
   NPN microwave power transistor
1997 Feb 18
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com